Electronic Components Datasheet Search
  English  ▼

X  

MP24830 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP24830
Description  Buck- Boost Mode White LED Driver 5V ??90V, Programmable Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP24830 Datasheet HTML 1Page - Monolithic Power Systems MP24830 Datasheet HTML 2Page - Monolithic Power Systems MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EV24830-S-00A – EVB DESCRIPTION
EV24830-S-00A Rev.1.1
www.MonolithicPower.com
5
5/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VEN=5V, VIN=12V, IOUT=1A, L=22μH, TA=25ºC, Unless otherwise noted.
Steady State
VIN =8V, 3LED, IOUT=1A
Analog Dimming
VIN =25V, 3LED, VDIM=0.9V
Power Ramp Up
VIN =8V, 3LED
Open LED Protection
VIN =25V, 3LED, ILED=1A
Enable Power Up
VIN =25V, 3LED
Enable Power Down
VIN =25V, 3LED
Short LED Protection
VIN =16V, 3LED
VIN
20V/div.
VSW
50V/div.
VOUT
10V/div.
IL
1A/div.
VIN
10V/div.
VSW
20V/div.
VOUT
10V/div.
IL
1A/div.
VIN
20V/div.
VSW
20V/div.
VOUT
10V/div.
IL
1A/div.
VIN
5V/div.
VSW
10V/div.
VOUT
10V/div.
IL
500mA/div.
VIN
20V/div.
VSW
20V/div.
VOVP
1V/div.
IL
1A/div.
VDIMO
20V/div.
VSW
20V/div.
VEN
1V/div.
IOUT
1A/div.
VDIMO
5V/div.
VSW
20V/div.
VEN
4V/div.
IOUT
1A/div.
VIN
20V/div.
VSW
50V/div.
VDIM
5V/div.
IL
1A/div.
VIN
50V/div.
VSW
50V/div.
VDIM
2V/div.
IL
1A/div.
Short LED To VSS
VIN =25V, 3LED



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com