Electronic Components Datasheet Search
  English  ▼

X  

MP24830 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP24830
Description  Buck- Boost Mode White LED Driver 5V ??90V, Programmable Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP24830 Datasheet HTML 1Page - Monolithic Power Systems MP24830 Datasheet HTML 2Page - Monolithic Power Systems MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV24830-S-00A
Buck- Boost Mode White LED Driver
5V – 90V, Programmable Frequency
EV24830-S-00A Rev.1.1
www.MonolithicPower.com
1
5/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP24830 is a 90V, white LED driver
suitable for inverting step-up/down applications.
It supports a wide input range with excellent
load and line regulation. Its programmable
current limit provides customized applications
with wide power range. Current mode operation
provides fast transient response and eases loop
stabilization. Fault condition protection includes
thermal shutdown, cycle-by-cycle peak current
limiting, open strings protection and output
short circuit protection.
The MP24830 incorporates both DC and PWM
dimming onto a single control pin. The separate
input reference ground pin allows for direct
enable and/or dimming control for a positive to
negative power conversion
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
5 To
(VIN+VOUT)<80
V
Enable Voltage
VEN
5
V
LED Current
ILED
1
A
Switching Frequency
FS
200
kHz
Output Voltage
Protection
VOVP
28
V
FEATURES
• Programmable Maximum Output Current
• Unique Operation (Buck-Boost Mode)
• Wide 5V to 90V Operating Input Range
• Adjustable Switching Frequency
• Analog and PWM Dimming
• 0.2V Reference Voltage
• 5μA Shutdown Mode
• No Minimum LED Required
• Stable with Low ESR Output Ceramic
Capacitors
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown Protection
• Open Strings Protection
• Output Short Circuit Protection
• Available in 14-Pin SOIC14
APPLICATIONS
• General LED Illuminations
• Automotive LED Lighting
• TV Backlighting System
• LCD Backlight Panels
• Handheld Computers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation) and AAM (Advanced
Asynchronous Mode) are trademarks of Monolithic Power Systems, Inc.
EV24830-S-00A EVALUATION BOARD
TBD
(L x W x H) 6.4cm x 6.4cm x 1.3cm
EV24830-S-00A
MP24830
LED STRING VOLTAGE ( V )
Efficiency vs. LED
String Voltage
ILED=1A
80
84
88
92
96
100
10
15
20
25
30
35
40
VIN=20V
VIN=40V


Similar Part No. - MP24830

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24830 MPS-MP24830 Datasheet
653Kb / 15P
4.5V . 90V, Programmable Frequency White LED Driver
MP24830HL MPS-MP24830HL Datasheet
653Kb / 15P
4.5V . 90V, Programmable Frequency White LED Driver
MP24830HL MPS-MP24830HL Datasheet
306Kb / 7P
Buck- Boost Mode White LED Driver 8V ??24V, Programmable Frequency
MP24830HS MPS-MP24830HS Datasheet
653Kb / 15P
4.5V . 90V, Programmable Frequency White LED Driver
More results

Similar Description - MP24830

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
MP1567: Buck Boost Lumileds White LED Driver
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Monolithic Power System...
MP24830 MPS-MP24830 Datasheet
653Kb / 15P
4.5V . 90V, Programmable Frequency White LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
4ch White LED Driver with Buck-Boost
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
4ch White LED Driver with Buck-Boost
logo
Monolithic Power System...
EV24830-L-00A MPS-EV24830-L-00A Datasheet
306Kb / 7P
Buck- Boost Mode White LED Driver 8V ??24V, Programmable Frequency
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com