Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9713 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9713 Datasheet HTML 1Page - Maxim Integrated Products MAX9713 Datasheet HTML 2Page - Maxim Integrated Products MAX9713 Datasheet HTML 3Page - Maxim Integrated Products MAX9713 Datasheet HTML 4Page - Maxim Integrated Products MAX9713 Datasheet HTML 5Page - Maxim Integrated Products MAX9713 Datasheet HTML 6Page - Maxim Integrated Products MAX9713 Datasheet HTML 7Page - Maxim Integrated Products MAX9713 Datasheet HTML 8Page - Maxim Integrated Products MAX9713 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
4
_______________________________________________________________________________________
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = +15V
AV = 13dB
RL = 8Ω
POUT = 4W
POUT = 100mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = +20V
AV = 13dB
RL = 8Ω
POUT = 4W
POUT = 100mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = +15V
AV = 13dB
RL = 16Ω
POUT = 5W
POUT = 55mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = +20V
AV = 13dB
RL = 16Ω
POUT = 7.5W
POUT = 120mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
1
23456
0.01
0.1
1
10
100
0.001
07
VDD = 20V
AV = 13dB
RL = 8Ω
f = 100Hz
f = 1kHz
f = 10kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = +15V
AV = 13dB
POUT = 4W
RL = 8Ω
SSM
FFM
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
4
3
2
1
0.01
0.1
1
10
100
0.001
07
6
5
VDD = 15V
AV = 13dB
RL = 8Ω
f = 100Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
6
4
2
0.01
0.1
1
10
100
0.001
08
VDD = 15V
AV = 13dB
RL = 16Ω
f = 100Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
10
5
0.01
0.1
1
10
100
0.001
015
VDD = 20V
AV = 13dB
RL = 16Ω
f = 100Hz
f = 1kHz
f = 10kHz
Typical Operating Characteristics
(136µH with 16Ω, 68µH with 8Ω, part in SSM mode, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com