Electronic Components Datasheet Search
  English  ▼

X  

MAX9713 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9713
Description  6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9713 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9713 Datasheet HTML 2Page - Maxim Integrated Products MAX9713 Datasheet HTML 3Page - Maxim Integrated Products MAX9713 Datasheet HTML 4Page - Maxim Integrated Products MAX9713 Datasheet HTML 5Page - Maxim Integrated Products MAX9713 Datasheet HTML 6Page - Maxim Integrated Products MAX9713 Datasheet HTML 7Page - Maxim Integrated Products MAX9713 Datasheet HTML 8Page - Maxim Integrated Products MAX9713 Datasheet HTML 9Page - Maxim Integrated Products MAX9713 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6W, Filterless, Spread-Spectrum
Mono/Stereo Class D Amplifiers
6
_______________________________________________________________________________________
OUTPUT FREQUENCY SPECTRUM
FREQUENCY (Hz)
15k
10k
5k
-120
-100
-80
-60
-40
-20
0
20
-140
0
20k
SSM MODE
POUT = 5W
f = 1kHz
RL = 8Ω
UNWEIGHTED
OUTPUT FREQUENCY SPECTRUM
FREQUENCY (Hz)
15k
10k
5k
-120
-100
-80
-60
-40
-20
0
20
0
20k
SSM MODE
POUT = 5W
f = 1kHz
RL = 8Ω
A-WEIGHTED
RBW = 10kHz
0
-100
1M
10M
100M
WIDEBAND OUTPUT SPECTRUM
(FFM MODE)
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
RBW = 10kHz
0
-100
1M
10M
100M
WIDEBAND OUTPUT SPECTRUM
(SSM MODE)
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
18
16
14
12
0.10
0.05
0.15
0.20
0.25
0.30
0.35
0
10
20
TURN-ON/TURN-OFF RESPONSE
MAX9713 toc23
20ms/div
MAX9714
OUTPUT
1V/div
5V/div
SHDN
f = 1kHz
RL = 8Ω
CSS = 180pF
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
18
16
14
12
5
10
15
20
25
0
10
20
Typical Operating Characteristics (continued)
(136µH with 16Ω, 68µH with 8Ω, part in SSM mode, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com