Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1696
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1696 Datasheet HTML 2Page - Linear Technology LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology LTC1696 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
6
VSS Current (Regulation AMP On)
vs Temperature
VDD Shunt Regulator vs
VDD Current
VDD Shunt Regulator vs
Temperature
VDD Start-Up Current vs
Temperature (Gate High)
OUT Shunt Regulator vs
OUT Current
OUT Shunt Regulator vs
Temperature
IVDD (mA)
0
13.0
12.5
12.0
11.5
5
436612 G01
10
15
20
TEMPERATURE (°C)
–50
13.0
11.0
50
0
100
25
–25
75
436612 G02
125
12.5
12.0
11.5
TEMPERATURE (°C)
15
12
9
6
3
436612 G03
–50
50
0
100
25
–25
75
125
IOUT (mA)
5.9
5.8
5.7
5.6
5.5
436612 G04
0
5
10
15
20
–50
50
0
100
25
–25
75
125
TEMPERATURE (°C)
7
6
5
4
436612 G05
TEMPERATURE (°C)
75
50
25
0
436612 G10
–50
50
0
100
25
–25
75
125
TYPICAL PERFORMANCE CHARACTERISTICS
VSS Current (Charge Pump On)
vs Temperature
Gate Drive vs Gate Pull-Up
Current
Gate Current (Charge Pump On)
vs Temperature
–40
–30
–20
–10
0
436612 G14
TEMPERATURE (°C)
–50
50
0
100
25
–25
75
125
TEMPERATURE (°C)
–300
–200
–100
0
436612 G11
–50
50
0
100
25
–25
75
125
IGATE (µA)
0
16
12
8
4
0
–10
–20
436612 G12
–30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com