Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1696
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology LTC1696 Datasheet HTML 10Page - Linear Technology LTC1696 Datasheet HTML 11Page - Linear Technology LTC1696 Datasheet HTML 12Page - Linear Technology LTC1696 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
9
SIMPLIFIED DIAGRAM
FUNCTIONAL DIAGRAM
–
+
RFB1
RFB2
436612 SD
RSS
RSS
RSS
CP
Z1
12V
7.5µA
20µA
Z3
5.7V
Z3
5.7V
RIN
1.23V +
–
+
–
CHARGE
PUMP
f = 2MHz
UVLO2
4.75V
M1
OUT
FB
GATE
OUT
VDD
SD
D1
7.5µA
20µA
OVERVOLTAGE
AMPLIFIER
LOGIC
SUPPLY
VCC
OUT
Z1
12V
LOGIC
AND
TIMER
SHUTDOWN
COMPARATOR
+
–
TIMER
COMPARATOR
UVLO1
2.55V
Z2
6.2V
Z3
5.7V
Z4
12V
2.8V
VCC
VCC
VDD
9µA
TIMER
BASE
VSS
1.8µA
1.6µA
CG
VOUT
CT
RFB1
RG
RIN
VIN
RFB2
RSS
436612 FD
C1
+–
1.5V
+–
1.23V +
–
–
+
Start
Run
Regulate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com