Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1818
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 3 Page - Linear Technology

  LT1818 Datasheet HTML 1Page - Linear Technology LT1818 Datasheet HTML 2Page - Linear Technology LT1818 Datasheet HTML 3Page - Linear Technology LT1818 Datasheet HTML 4Page - Linear Technology LT1818 Datasheet HTML 5Page - Linear Technology LT1818 Datasheet HTML 6Page - Linear Technology LT1818 Datasheet HTML 7Page - Linear Technology LT1818 Datasheet HTML 8Page - Linear Technology LT1818 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC6253-7
3
62537f
For more information www.linear.com/LTC6253-7
(VS = 5V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 5V, 0V; VSHDN = 2V; VCM = VOUT =
2.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
Input Capacitance
Differential Mode
Common Mode
2.5
0.8
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
7.2
3
kΩ
MΩ
AVOL
Large Signal Voltage Gain
RL = 1k to Half Supply (Note 9)
l
35
16
60
V/mV
V/mV
RL = 100Ω to Half Supply (Note 9)
l
5
2.4
13
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.5V
l
85
82
105
dB
dB
VCMR
Input Common Mode Range
l
0
VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 5.25V, VCM = 1V
l
66.5
62
70
dB
dB
Supply Voltage Range (Note 5)
l
2.5
5.25
V
VOL
Output Swing Low (VOUT – V–)
No Load
l
25
40
65
mV
mV
ISINK = 5mA
l
60
90
120
mV
mV
ISINK = 25mA
l
150
200
320
mV
mV
VOH
Output Swing High (V+ – VOUT)
No Load
l
65
100
120
mV
mV
ISOURCE = 5mA
l
115
170
210
mV
mV
ISOURCE = 25mA
l
270
330
450
mV
mV
ISC
Output Short-Circuit Current
Sourcing
l
–90
–40
–32
mA
mA
Sinking
l
60
40
100
mA
mA
IS
Supply Current per Amplifier
VCM = Half Supply
l
3.3
3.5
4.8
mA
mA
VCM = V+ – 0.5V
l
4.25
4.85
5.9
mA
mA
ISD
Disable Supply Current
VSHDN = 0.8V
l
42
55
75
µA
µA
ISHDNL
SHDN Pin Current Low
VSHDN = 0.8V
l
–3
–4
–1.6
0
0
µA
µA
ISHDNH
SHDN Pin Current High
VSHDN = 2V
l
–300
–600
35
300
600
nA
nA
VL
SHDN Pin Input Voltage Low
l
0.8
V
VH
SHDN Pin Input Voltage High
l
2
V
IOSD
Output Leakage Current in Shutdown
VSHDN = 0.8V, Output Shorted to Either
Supply
100
nA
tON
Turn-On Time
VSHDN = 0.8V to 2V
3.5
µs
tOFF
Turn-Off Time
VSHDN = 2V to 0.8V
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com