Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1818
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 5 Page - Linear Technology

  LT1818 Datasheet HTML 1Page - Linear Technology LT1818 Datasheet HTML 2Page - Linear Technology LT1818 Datasheet HTML 3Page - Linear Technology LT1818 Datasheet HTML 4Page - Linear Technology LT1818 Datasheet HTML 5Page - Linear Technology LT1818 Datasheet HTML 6Page - Linear Technology LT1818 Datasheet HTML 7Page - Linear Technology LT1818 Datasheet HTML 8Page - Linear Technology LT1818 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC6253-7
5
62537f
For more information www.linear.com/LTC6253-7
ELECTRICAL CHARACTERISTICS (VS = 2.7V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 2.7V, 0V; VSHDN = 2V; VCM = VOUT =
1.35V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large Signal Voltage Gain
RL = 1k to Half Supply
(Note 11)
l
16.5
7
36
V/mV
V/mV
RL = 100Ω to Half Supply
(Note 11)
l
2.3
1.8
6.9
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 0V to 1.2V
l
80
77
105
dB
dB
VCMR
Input Common Mode Range
l
0
VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 5.25V, VCM = 1V
l
66.5
62
70
dB
dB
Supply Voltage Range (Note 5)
l
2.5
5.25
V
VOL
Output Swing Low (VOUT – V–)
No Load
l
22
28
40
mV
mV
ISINK = 5mA
l
80
100
140
mV
mV
ISINK = 10mA
l
110
150
190
mV
mV
VOH
Output Swing High (V+ – VOUT)
No Load
l
55
75
95
mV
mV
ISOURCE = 5mA
l
125
150
200
mV
mV
ISOURCE = 10mA
l
165
200
275
mV
mV
ISC
Short-Circuit Current
Sourcing
l
–35
–18
–14
mA
mA
Sinking
l
20
17
40
mA
mA
IS
Supply Current per Amplifier
VCM = Half Supply
l
2.9
3.5
4.5
mA
mA
VCM = V+ – 0.5V
l
3.7
4.6
5.5
mA
mA
ISD
Disable Supply Current
VSHDN = 0.8V
l
24
35
50
µA
µA
ISHDNL
SHDN Pin Current Low
VSHDN = 0.8V
l
–1
–1.5
–0.5
0
0
µA
µA
ISHDNH
SHDN Pin Current High
VSHDN = 2V
l
–300
–600
45
300
600
nA
nA
VL
SHDN Pin Input Voltage
l
0.8
V
VH
SHDN Pin Input Voltage
l
2.0
V
IOSD
Output Leakage Current Magnitude in Shutdown VSHDN = 0.8V, Output Shorted to Either
Supply
100
nA
tON
Turn-On Time
VSHDN = 0.8V to 2V
5
µs
tOFF
Turn-Off Time
VSHDN = 2V to 0.8V
2
µs
BW
–3dB Closed Loop Bandwidth
AV = +7, RL = 1k to Half Supply
130
MHz
GBW
Gain-Bandwidth Product
f = 10MHz, RL = 1k to Half Supply
l
0.8
0.5
1.3
GHz
GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com