Electronic Components Datasheet Search
  English  ▼

X  

LTC4306 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4306
Description  Dual I2C/SMBus Address Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4306 Datasheet HTML 8Page - Linear Technology LTC4306 Datasheet HTML 9Page - Linear Technology LTC4306 Datasheet HTML 10Page - Linear Technology LTC4306 Datasheet HTML 11Page - Linear Technology LTC4306 Datasheet HTML 12Page - Linear Technology LTC4306 Datasheet HTML 13Page - Linear Technology LTC4306 Datasheet HTML 14Page - Linear Technology LTC4306 Datasheet HTML 15Page - Linear Technology LTC4306 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4318
16
4318fa
For more information www.linear.com/LTC4318
©
LINEAR TECHNOLOGY CORPORATION 2015
LT 1015 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC4318
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTC4300A-1/
LTC4300A-2/
LTC4300A-3
Hot Swappable 2-Wire Bus Buffers
LTC4300A-1: Bus Buffer with READY and ENABLE
LTC4300A-2: Dual Supply Buffer with ACC
LTC4300A-3: Dual Supply Buffer and ENABLE
LTC4302-1/
LTC4302-2
Addressable 2-Wire Bus Buffer
Address Expansion, GPIO, Software Controlled
LTC4303/
LTC4304
Hot Swappable 2-Wire Bus Buffer with Stuck
Bus Recovery
Provides Automatic Clocking to Free Stuck I2C Busses
LTC4305/
LTC4306
2- or 4-Channel, 2-Wire Bus Multiplexers
with Capacitance Buffering
Two or Four Software Selectable Downstream Busses, Stuck Bus Disconnect, Rise Time
Accelerators, Fault Reporting, ±10kV HBM ESD
LTC4307
Low Offset, Hot Swappable 2-Wire Bus
Buffer with Stuck Bus Recovery
60mV Buffer Offset, 30ms Stuck Bus Disconnect and Recovery, Rise Time Accelerators,
±5kV HBM ESD
LTC4307-1
High Definition Multimedia Interface (HDMI)
Level Shifting 2-Wire Bus Buffer
60mV Buffer Offset, 3.3V to 5V Level Shifting, ±5kV HBM ESD
LTC4308
Low Voltage, Level Shifting Hot Swappable
2-Wire Bus Buffer with Stuck Bus Recovery
Bus Buffer with 1V Precharge, ENABLE and READY, 0.9V to 5.5V Level Translation, 30ms
Stuck Bus Disconnect and Recovery, Output Side Rise Time Accelerators, ±6kV HBM ESD
LTC4309
Low Offset Hot Swappable 2-Wire Bus
Buffer with Stuck Bus Recovery
60mV Buffer Offset, 30ms Stuck Bus Disconnect and Recovery, Rise Time Accelerators,
±5kV HBM ESD, 1.8V to 5.5V Level Translation
LTC4310-1/
LTC4310-2
Hot Swappable I2C Isolators
Bidirectional I2C Communication Between Two Isolated Busses, LTC4310-1: 100kHz Bus,
LTC4310-2: 400kHz Bus
LTC4311
Hot Swappable I2C/SMBus Accelerator
Rise Time Acceleration with ENABLE, ±8kV HBM ESD
LTC4312/
LTC4314
2- or 4-Channel, Hardware Selectable 2-Wire
Bus Multiplexers with Capacitance Buffering
Two or Four Pin Selectable Downstream Busses, VIL Up to 0.3V • VCC, Rise Time
Accelerators, 45ms Stuck Bus Disconnect and Recovery, ±4kV HBM ESD
LTC4313-1/
LTC4313-2/
LTC4313-3
High Noise Margin 2-Wire Bus Buffers
VIL = 0.3V • VCC, Rise Time Accelerators, Stuck Bus Disconnect and Recovery, 1V
Precharge, ±4kV HBM ESD
Figure 11. Comparison Between LTC4316/LTC4317/LTC4318
4318 F11
SCLOUT
SDAOUT
READY
SCLOUT
SDAOUT
READY
VCC
SCLIN
SDAIN
XORH
XORL
ENABLE
GND
SCLIN
SDAIN
XORH
XORL
ENABLE
SINGLE
LTC4316
SCLOUT1
SDAOUT1
READY1
SCLOUT
SDAOUT
READY
VCC
SCLIN
SDAIN
XORH1
XORL1
ENABLE1
SCLIN
SDAIN
XORH
XORL
ENABLE
“Y” CONNECTED DUAL
LTC4317
SCLOUT2
SDAOUT2
READY2
SCLOUT
SDAOUT
READY
SCLIN
SDAIN
XORH
XORL
ENABLE
CHANNEL2
CHANNEL1
SCLOUT1
SDAOUT1
READY1
SCLOUT
SDAOUT
READY
VCC
SCLIN1
SDAIN1
XORH1
XORL1
ENABLE1
SCLIN
SDAIN
XORH
XORL
ENABLE
DUAL
LTC4318
SCLOUT2
SDAOUT2
READY2
SCLOUT
SDAOUT
READY
SCLIN2
SDAIN2
XORH2
XORL2
ENABLE2
GND
SCLIN
SDAIN
XORH
XORL
ENABLE
CHANNEL2
CHANNEL1
XORH2
XORL2
ENABLE2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com