Electronic Components Datasheet Search
  English  ▼

X  

LTC4308 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4308
Description  2-Wire Bus Buffers with High Noise Margin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 1 Page - Linear Technology

  LTC4308 Datasheet HTML 1Page - Linear Technology LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4313-1/LTC4313-2/
LTC4313-3
1
4313123f
Typical applicaTion
FeaTures
DescripTion
2-Wire Bus Buffers with
High Noise Margin
The LTC®4313 is a hot swappable 2-wire bus buffer
that provides bidirectional buffering while maintain-
ing a low offset voltage and high noise margin up to
0.3 • VCC. The high noise margin allows the LTC4313 to be
interoperablewithdevicesthatdriveahighVOL(>0.4V)and
allows multiple LTC4313s to be cascaded. The LTC4313-1
andLTC4313-2supportleveltranslationbetween3.3Vand
5V busses. In addition to these voltages, the LTC4313-3
also supports level translation to 1.5V, 1.8V and 2.5V.
Duringinsertion,theSDAandSCLlinesarepre-chargedto
1Vtominimizebusdisturbances.Connectionisestablished
between the input and output after ENABLE is asserted
high and a stop bit or bus idle condition has been detected
on the SDA and SCL pins.
If both data and clock are not simultaneously high at least
once in 45ms, the input is disconnected from the output.
Up to 16 clock pulses are subsequently generated to free
thestuckbus.Risetimeaccelerators(RTAs)providepull-up
currents on SDA and SCL rising edges to meet rise time
specifications in heavily loaded systems. The RTAs are
configured as slew limited switches in the LTC4313-1 and
2.5mA current sources in the LTC4313-2. The LTC4313-3
does not have RTAs.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 6356140, 6650174,
7032051, 7478286.
400kHz Operation
applicaTions
n
Bidirectional Buffer Increases Fanout
n
High Noise Margin with VIL = 0.3•VCC
n
Compatible with Non-Compliant I2C Devices That
Drive a High VOL
n
Strong (LTC4313-1) and 2.5mA (LTC4313-2)
Rise Time Accelerator Current
n
Level Shift 1.5V, 1.8V, 2.5V, 3.3V and 5V Busses
n
Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
n
Stuck Bus Disconnect and Recovery
n
Compatible with I2C, I2C Fast Mode and SMBus
n
±4kV Human Body Model ESD Ruggedness
n
High Impedance SDA, SCL Pins When Unpowered
n
8-Lead MSOP and 8-Lead (3mm × 3mm) DFN
Packages
n
Capacitance Buffers/Bus Extender
n
Live Board Insertion
n
Telecommunications Systems Including ATCA
n
Level Translation
n
PMBus
n
Servers
LTC4313-1
GND
VCC
4313123 TA01a
READY
SCLOUT
SDAOUT
ENABLE
SCLIN
SDAIN
SCL1
SDA1
2.7k
2.7k
0.01µF
3.3V
READY
SCL2
SDA2
1.3k
10k
5V
1.3k
500ns/DIV
4313123 TA01b
RBUS_IN = 2.7k, CBUS_IN = 50pF
RBUS_OUT = 1.3k, CBUS_OUT = 100pF
SCLOUT
SCLIN


Similar Part No. - LTC4308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4308 LINER-LTC4308 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4308 LINER-LTC4308 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
LTC4308 LINER-LTC4308 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4302-1 LINER-LTC4302-1 Datasheet
293Kb / 20P
Addressable 2-Wire Bus Buffers
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4302-1 LINER-LTC4302-1_15 Datasheet
303Kb / 20P
Addressable 2-Wire Bus Buffers
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
Addressable 2-Wire Bus Buffers
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4313-2 LINER-LTC4313-2_15 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4313-3 LINER-LTC4313-3_15 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4315 LINER-LTC4315_15 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
logo
IK Semicon Co., Ltd
IW4002B IKSEMICON-IW4002B Datasheet
155Kb / 5P
Noise margin
logo
Linear Technology
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com