Electronic Components Datasheet Search
  English  ▼

X  

LTC4308 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4308
Description  2-Wire Bus Buffers with High Noise Margin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 4 Page - Linear Technology

  LTC4308 Datasheet HTML 1Page - Linear Technology LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4313-1/LTC4313-2/
LTC4313-3
4
4313123f
Typical perForMance characTerisTics
Buffer DC IOL vs Temperature
tF (70% to 30%)
vs Bus Capacitance
tPDHL (50% to 50%)
vs Bus Capacitance
LTC4313-1 IRTA vs Temperature
LTC4313-1 Bus Rise Time
(40% to 70%) vs CBUS
ICC Enabled Current
vs Supply Voltage
ICC Disabled Current
vs Supply Voltage
TA = 25°C, VCC = 3.3V unless otherwise noted.
VCC (V)
2
9.0
8.0
7.0
8.5
7.5
6.5
6.0
4
3
5
4313213 G01
6
3.5
2.5
4.5
5.5
VSDAIN,SCLIN = 0V
VENABLE = 5.5V
VCC (V)
2
4.0
3.0
3.5
2.5
2.0
4
3
5
2.5
4.5
3.5
5.5
4313213 G02
6
VSDAIN,SCLIN = 0V
VENABLE = 0V
TEMPERATURE (°C)
–50
12
5
6
11
10
4
8
9
7
0
50
4313213 G03
100
–25
25
75
VSDA,SCL = 0.6V
VSDA,SCL = 0.4V
VOS vs IBUS for Different Driven
Voltage Levels
IBUS (mA)
0
250
200
150
0
50
100
1
3
4313213 G04
5
2
4
≥200mV
100mV
DRIVEN VSDA,SCL = 50mV
TEMPERATURE (°C)
–50
16
8
10
6
14
12
0
50
4313213 G05
100
–25
25
75
VCC = VDD,BUS
VSDA,SCL = 0.6 • VDD,BUS
CBUS = 400pF, RBUS = 10k
5V
3.3V
CBUS (pF)
0
100
75
50
0
25
600
800
4313213 G06
1000
200
400
3.3V
5V
VCC = VDD,BUS
RBUS = 10k
CBUS (pF)
0
200
175
150
100
125
600
800
4313213 G07
1000
200
400
3.3V
5V
VCC = VDD,BUS
RBUS = 10k
CBUS (pF)
0
75
5V
3.3V
100
600
4313123 G08
50
25
200
400
800
VCC = VDD,BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com