Electronic Components Datasheet Search
  English  ▼

X  

LTC4309 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4309
Description  Dual I2C/SMBus Address Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4309 Datasheet HTML 2Page - Linear Technology LTC4309 Datasheet HTML 3Page - Linear Technology LTC4309 Datasheet HTML 4Page - Linear Technology LTC4309 Datasheet HTML 5Page - Linear Technology LTC4309 Datasheet HTML 6Page - Linear Technology LTC4309 Datasheet HTML 7Page - Linear Technology LTC4309 Datasheet HTML 8Page - Linear Technology LTC4309 Datasheet HTML 9Page - Linear Technology LTC4309 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4318
6
4318fa
For more information www.linear.com/LTC4318
block DiagraM
4318 BD
I2C Hot
Swap
LOGIC
7-BIT
ADDRESS
TRANSLATION
BYTE
GND
CONTROL
LOGIC
VCC/2
CMP6
CMP5
PRECHARGE
1.4V
N4
1V
200k
PRECHARGE
1V
READY1
SDAOUT1
SCLOUT1
XORL1
XORH1
SDAIN1
SCLIN1
SDAIN2
SCLIN2
SDAOUT2
SCLOUT2
VCC
–
+
N3
–
+
CMP3
1.8V
–
+
1.8V
CMP1
–
+
I2C Hot
Swap
LOGIC
CMP4
1.8V
–
+
GLITCH
FILTER
1.8V
CMP2
–
+
GLITCH
FILTER
XOR
N1
N2
200k
PRECHARGE
PRECHARGE
PRECHARGE
1V
200k
1V
200k
ENABLE1
READY2
XORL2
XORH2
ENABLE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com