Electronic Components Datasheet Search
  English  ▼

X  

LTC4309 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4309
Description  Dual I2C/SMBus Address Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4309 Datasheet HTML 4Page - Linear Technology LTC4309 Datasheet HTML 5Page - Linear Technology LTC4309 Datasheet HTML 6Page - Linear Technology LTC4309 Datasheet HTML 7Page - Linear Technology LTC4309 Datasheet HTML 8Page - Linear Technology LTC4309 Datasheet HTML 9Page - Linear Technology LTC4309 Datasheet HTML 10Page - Linear Technology LTC4309 Datasheet HTML 11Page - Linear Technology LTC4309 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4318
8
4318fa
For more information www.linear.com/LTC4318
operaTion
Figure 2 shows typical waveforms for the circuit on the
front page. In this example, the master transmits address
0x34 while the slave is configured to respond to address
0x36.TheresistivedividersattheXORLandXORHpinsare
configuredtogenerateanaddresstranslationbyteof0x02.
Note that in this example, the 8-bit hexadecimal address
format (with R/W = 0) is used. 7-bit addresses are also
commonly found in I2C device documentation. Make sure
to use the correct format when calculating the address
translation byte. Table 1 shows examples of both formats.
Figure 2. Basic Address Translation Waveforms
TRANSLATION
BYTE
SDAOUT
SCLIN
SDAIN
ADDRESS BITS
START
a6
a5
a4
a3
a2
a1
a0
0
1
1
0
1
0
0
0
0
0
0
0
1
0
0
0
0
0
1
1
0
1
1
0
= 0x34
= 0x02
= 0x36
4318 F02
N2 GATE N2 ON
N2 ON
N2 OFF
R/W
BIT
ACK
BIT
Table 1.
DESCRIPTION
BINARY ADDRESS
7-BIT HEX ADDRESS
WITHOUT R/W
8-BIT HEX ADDRESS
WITH R/W = 0
a6
a5
a4
a3
a2
a1
a0
R/W
Input Address from SDAIN
0
0
1
1
0
1
0
0
0x1A
0x34
Translation Byte
0
0
0
0
0
0
1
0
0x01
0x02
Output Address to SDAOUT
0
0
1
1
0
1
1
0
0x1B
0x36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com