Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6232
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6232 Datasheet HTML 8Page - Linear Technology LT6232 Datasheet HTML 9Page - Linear Technology LT6232 Datasheet HTML 10Page - Linear Technology LT6232 Datasheet HTML 11Page - Linear Technology LT6232 Datasheet HTML 12Page - Linear Technology LT6232 Datasheet HTML 13Page - Linear Technology LT6232 Datasheet HTML 14Page - Linear Technology LT6232 Datasheet HTML 15Page - Linear Technology LT6232 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC6253-7
12
62537f
For more information www.linear.com/LTC6253-7
APPLICATIONS INFORMATION
Circuit Description
The LTC6253-7 has an input and output signal range that
extends from the negative power supply to the positive
power supply. Figure 1 depicts a simplified schematic of
the amplifier. The input stage is comprised of two differ-
ential amplifiers, a PNP stage, Q1/Q2, and an NPN stage,
Q3/Q4 that are active over different common mode input
voltages. The PNP stage is active between the negative
supply to nominally 1.2V below the positive supply. As the
inputvoltageapproachesthepositivesupply,thetransistor
Q5 will steer the tail current, I1, to the current mirror, Q6/
Q7, activating the NPN differential pair and the PNP pair
becomes inactive for the remaining input common mode
range. Also, at the input stage, devices Q17 to Q19 act to
cancel the bias current of the PNP input pair. When Q1/Q2
are active, the current in Q16 is controlled to be the same
as the current in Q1 and Q2. Thus, the base current of Q16
is nominally equal to the base current of the input devices.
The base current of Q16 is then mirrored by devices Q17
to Q19 to cancel the base current of the input devices Q1/
Q2.Apairofcomplementarycommonemitterstages,Q14/
Q15, enable the output to swing from rail-to-rail.
Figure 1. LTC6253-7 Simplified Schematic Diagram
–IN: Inverting Input of Amplifier. Input range from V–
to V+.
+IN: Non-Inverting Input of Amplifier. Input range from
V– to V+.
V+ : Positive Supply Voltage. Total supply voltage ranges
from 2.5V to 5.25V.
V–:NegativeSupplyVoltage.Typically0V.Thiscanbemade
a negative voltage as long as 2.5V ≤ (V+ – V–) ≤ 5.25V.
SHDN: Active Low Shutdown. Threshold is typically 1.1V
referenced to V–. Floating this pin will turn the part on.
OUT:AmplifierOutput.Swingsrail-to-railandcantypically
source/sink over 90mA of current at a total supply of 5V.
PIN FUNCTIONS
625234 F01
Q15
ESDD5
Q14
BUFFER
AND
OUTPUT BIAS
R5
R4
Q13
Q12
I3
V–
+
Q8
R3
Q11
Q9
Q10
R2
R1
Q2
Q1
Q3
Q4
I1
+
I2
+
VBIAS
Q5
Q6
Q19
Q7
D8
D7
Q18
Q17
D6
D5
ESDD2
V–
ESDD1
V+
ESDD4
V–
ESDD3
V+
Q16
V–
V+
+IN
–IN
ESDD6
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com