Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6232
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6232 Datasheet HTML 10Page - Linear Technology LT6232 Datasheet HTML 11Page - Linear Technology LT6232 Datasheet HTML 12Page - Linear Technology LT6232 Datasheet HTML 13Page - Linear Technology LT6232 Datasheet HTML 14Page - Linear Technology LT6232 Datasheet HTML 15Page - Linear Technology LT6232 Datasheet HTML 16Page - Linear Technology LT6232 Datasheet HTML 17Page - Linear Technology LT6232 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC6253-7
18
62537f
For more information www.linear.com/LTC6253-7
LINEAR TECHNOLOGY CORPORATION 2016
LT 0216 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC6253-7
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
Operational Amplifiers
LTC6252/LTC6253/
LTC6254
Single/Dual/Quad High Speed Rail-to-Rail Input and Output
Op Amps
720MHz, 3.5mA, 2.75nV/√Hz, 280V/µs, 0.35mV, Unity Gain Stable
LTC6268-10/
LTC6269-10
Single/Dual High Speed FET Input Op Amp
4GHz, 4nV/√Hz, ±3fA Input Bias Current
LT1818/LT1819
Single/Dual Wide Bandwidth, High Slew Rate Low Noise and
Distortion Op Amps
400MHz, 9mA, 6nV/√Hz, 2500V/µs, 1.5mV –85dBc at 5MHz
LT1806/LT1807
Single/Dual Low Noise Rail-to-Rail Input and Output Op Amps 325MHz, 13mA, 3.5nV/√Hz, 140V/µs, 550µV, 85mA Output Drive
LTC6246/LTC6247/
LTC6248
Single/Dual/Quad High Speed Rail-to-Rail Input and Output
Op Amps
180MHz, 1mA, 4.2nV/√Hz, 90V/µs, 0.5mV
LT6230/LT6231/
LT6232
Single/Dual/Quad Low Noise Rail-to-Rail Output Op Amps
215MHz, 3.5mA, 1.1nV/√Hz, 70V/µs, 350µV
LT6200/LT6201
Single/Dual Ultralow Noise Rail-to-Rail Input/Output Op Amps 165MHz, 20mA, 0.95nV/√Hz, 44V/µs, 1mV
LT6202/LT6203/
LT6204
Single/Dual/Quad Ultralow Noise Rail-to-Rail Op Amp
100MHz, 3mA, 1.9nV/√Hz, 25V/µs, 0.5mV
LT1468
16-Bit Accurate Precision High Speed Op Amp
90MHz, 3.9mA, 5nV/√Hz, 22V/µs, 175µV,
–96.5dB THD at 10VP-P, 100kHz
LT1801/LT1802
Dual/Quad Low Power High Speed Rail-to-Rail Input and
Output Op Amps
80MHz, 2mA, 8.5nV√Hz, 25V/µs, 350µV
LT1028
Ultralow Noise, Precision High Speed Op Amps
75MHz, 9.5mA, 0.85nV/√Hz, 11V/µs, 40µV
LTC6350
Low Noise Single-Ended to Differential Converter/ADC Driver
33MHz (–3dB), 4.8mA, 1.9nV/√Hz, 240ns Settling to 0.01% 8VP-P
ADCs
LTC2393-16
1Msps 16-Bit SAR ADC
94dB SNR
LTC2366
3Msps, 12-Bit ADC Serial I/O
72dB SNR, 7.8mW No Data Latency TSOT-23 Package
LTC2365
1Msps, 12-Bit ADC Serial I/O
73dB SNR, 7.8mW No Data Latency TSOT-23 Package
RELATED PARTS
101V/V 100MHz Gain Block
Frequency Response
FREQUENCY (Hz)
100k
1M
10M
100M 400M
0
10
20
30
40
50
62537 TA02b
62537 TA02a
–2.5V
2.5V
909
100
½ LTC6253-7
VIN
VOUT
–2.5V
2.5V
909
100
½ LTC6253-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com