Electronic Components Datasheet Search
  English  ▼

X  

SIP2213 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP2213
Description  Dual Output Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2213 Datasheet(HTML) 8 Page - Vishay Siliconix

  SIP2213 Datasheet HTML 1Page - Vishay Siliconix SIP2213 Datasheet HTML 2Page - Vishay Siliconix SIP2213 Datasheet HTML 3Page - Vishay Siliconix SIP2213 Datasheet HTML 4Page - Vishay Siliconix SIP2213 Datasheet HTML 5Page - Vishay Siliconix SIP2213 Datasheet HTML 6Page - Vishay Siliconix SIP2213 Datasheet HTML 7Page - Vishay Siliconix SIP2213 Datasheet HTML 8Page - Vishay Siliconix SIP2213 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SiP2213
Vishay Siliconix
New Product
www.vishay.com
8
Document Number: 73190
S-50922—Rev. C, 09-May-05
TYPICAL WAVEFORMS
Noise Spectrum Output 1
Noise Spectrum Output 2
10
0.01
EN
2 V/div
100 ms/div
5 ms/div
10 Hz
1 MHz
10
0.01
10 Hz
1 MHz
VOUT2
1 V/div
EN
2 V/div
POR
2 V/div
IOUT1
100 mA/div
VOUT1
1 V/div
VOUT2
1 V/div
VOUT1
1 V/div
150 mA
VOUT2
50 mV/div
VOUT1
50 mV/div
IOUT1
200 mA/div
VOUT1
50 mV/div
VOUT2
50 mV/div
300 mA
5 ms/div
5 ms/div
Enable Sequence
Power-On Reset Sequence
Load Transient Response LDO 1
Load Transient Response LDO2
CIN = 1 mF
COUT = 1 mF
CBP = 0.01 mF
CSET = 0.01 mF
VIN = 5 V
CIN = 1 mF
COUT = 1 mF
CBP = 0.01 mF
VIN = 5 V
CIN = 1 mF
COUT = 1 mF
CBP = 0.01 mF
VIN = 5 V
CIN = 1 mF
COUT = 1 mF
CBP = 0.01 mF
VIN = 5 V
mV Hz
mV Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com