Electronic Components Datasheet Search
  English  ▼

X  

SIP2213 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP2213
Description  Dual Output Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2213 Datasheet(HTML) 9 Page - Vishay Siliconix

  SIP2213 Datasheet HTML 1Page - Vishay Siliconix SIP2213 Datasheet HTML 2Page - Vishay Siliconix SIP2213 Datasheet HTML 3Page - Vishay Siliconix SIP2213 Datasheet HTML 4Page - Vishay Siliconix SIP2213 Datasheet HTML 5Page - Vishay Siliconix SIP2213 Datasheet HTML 6Page - Vishay Siliconix SIP2213 Datasheet HTML 7Page - Vishay Siliconix SIP2213 Datasheet HTML 8Page - Vishay Siliconix SIP2213 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SiP2213
Vishay Siliconix
New Product
Document Number: 73190
S-50922—Rev. C, 09-May-05
www.vishay.com
9
DETAILED OPERATION
The SiP2213 is a low drop out, low quiescent current
monolithic dual linear regulator, with power-on reset and open
drain driver output features. With output voltage range from
1.25 V to 5 V the first regulator can source 150 mA and the
second regulator can source 300 mA. The regulators are
sequentially turned on with the 150 mA regulator turned on
first and then the 300-mA regulator. The open drain driver has
the capability to drive LED’s for backlighting applications.
VIN
VIN is the input supply pin for both LDO’s. The bypass
capacitor for this pin is not critical as long as the input supply
has low enough source impedance. For practical circuits, a
1.0 mF or larger ceramic capacitor is recommended. When the
source impedance is not low enough and/or the source is
several inches from the SiP2213, then a larger input bypass
capacitor is needed. When the source impedance, wire and
trace impedance are unknown, it is recommended that an
input bypass capacitor be used of a value that is equal to or
greater than the output capacitor.
VOUT1, 2 (LDO Outputs)
The VOUT is the output voltage of the regulator. Connect a
bypass capacitor from VOUTx to ground. The output capacitor
can be any value from 1.0 mF to 10.0 mF. A ceramic capacitor
with X5R or X7R dielectric type is recommended for best
output noise, line transient, and load transient performance.
Enable
The Enable pin controls the turning on and off of both
regulators of the SiP2213. VOUT of both outputs are
guaranteed to be on when the Enable pin voltage is equal or
greater than 1.8 V; the regulators are sequentially turned on
with the 150 mA regulator turned on first and then the 300mA
regulator. VOUT is guaranteed to be off when the Enable pin
voltage equals or is less than 0.6 V. To automatically turn on
VOUT whenever the Input is applied, tie the Enable pin to VIN.
Power-On Reset (POR)
The POR is an open drain output that goes low when VOUT2
is less than 5% of its nominal value. As with any open drain
output, an external pull up resistor is needed. The POR pin is
disconnected if not used.
SET
When a capacitor is connected from SET to GROUND, the
POR signal transition from low to high is delayed. This delayed
POR signal can be used as the power-on reset signal for the
application system. To set the POR delay time refer to the POR
Delay curve to determine the capacitor value.
The Set pin should be an open circuit if not used.
OPEN-Drain Driver (DRV)
The SW pin a logic level input put that controls the DRV pin.
The switch pin is an active high input and should not be left
floating. The drive pin is an open drain output able to sink
150 mA of current.
Bypass Capacitor
For low noise application and/or increase in power supply
rejection ration (PSRR) connect a high frequency ceramic
capacitor from BP to ground. A 0.01-mF X5R or X7R ceramic
capacitor is recommended.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?73190.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com