Electronic Components Datasheet Search
  English  ▼

X  

LT6010 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6010
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6010 Datasheet HTML 6Page - Linear Technology LT6010 Datasheet HTML 7Page - Linear Technology LT6010 Datasheet HTML 8Page - Linear Technology LT6010 Datasheet HTML 9Page - Linear Technology LT6010 Datasheet HTML 10Page - Linear Technology LT6010 Datasheet HTML 11Page - Linear Technology LT6010 Datasheet HTML 12Page - Linear Technology LT6010 Datasheet HTML 13Page - Linear Technology LT6010 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC6261/LTC6262/LTC6263
10
626123fa
For more information www.linear.com/LTC6261
typicAl perForMAnce chArActeristics
Large Signal Response
Output Impedance vs Frequency
Capacitive Load Handling
Overshoot vs Capacitive Load
Large Signal Response
Small Signal Response
Supply Current
vs SHDN Pin Voltage
Small Signal Response
Supply Current
vs SHDN Pin Voltage
VS = ±2.5V
VCM = 0
AV = 1
VIN = ±2V
CLOAD (nF)
0.01
0.1
1
0
3
6
9
12
15
626123 G28
VS = ±2.5V
AV = 1
RLOAD = 10kΩ
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
626123 G29
VS = ±2.5V
AV = 1
RLOAD = 10kΩ
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
–100
–80
–60
–40
–20
0
20
40
60
80
100
626123 G30
VS = ±0.9V
AV=1
RLOAD=10kΩ
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
6262 G31
VS = ±0.9V
AV=1
RLOAD=10kΩ
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
TIME (µs)
0 10 20 30 40 50 60 70 80 90 100
–100
–80
–60
–40
–20
0
20
40
60
80
100
626123 G32
VS = ±2.5V
VCM = 0V
AV = 1
AV = 10
FREQUNECY (MHz)
10–5
10–4
10–3
10–2
10–1
1
10
0.001
0.01
0.1
1
10
100
1k
626123 G33
VS = 1.8V
VCM = 0.4V
TA = 125°C
TA = 25°C
TA = –40°C
VSHDN (V)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
0
50
100
150
200
250
300
626123 G34
VS = 5V
VCM = 0.4V
TA = 125°C
TA = 25°C
TA = –40°C
VSHDN (V)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
0
50
100
150
200
250
300
626123 G35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com