Electronic Components Datasheet Search
  English  ▼

X  

LT6010 Datasheet(PDF) 15 Page - Linear Technology

Part # LT6010
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT6010 Datasheet HTML 11Page - Linear Technology LT6010 Datasheet HTML 12Page - Linear Technology LT6010 Datasheet HTML 13Page - Linear Technology LT6010 Datasheet HTML 14Page - Linear Technology LT6010 Datasheet HTML 15Page - Linear Technology LT6010 Datasheet HTML 16Page - Linear Technology LT6010 Datasheet HTML 17Page - Linear Technology LT6010 Datasheet HTML 18Page - Linear Technology LT6010 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTC6261/LTC6262/LTC6263
626123fa
15
For more information www.linear.com/LTC6261
typicAl ApplicAtions
LTC6261 Second Order Butterworth
Frequency Response
LTC6261 Third Order Butterworth
Frequency Response
Bessel Filter Response
LTC6261
3.3V
U1
OUT
IN
626123 TA05
R2
15.4k
R3
15.4k
C2
47pF
C1
150pF
VREF
R1
15.4k
Supply current consumption is around 230µA. The values
of resistors chosen minimize consumption at the expense
of noise.
FREQUENCY (MHz)
0.001
0.01
0.1
1
4
–70.0
–60.0
–50.0
–40.0
–30.0
–20.0
–10.0
0
10.0
626123 TA06
1VP-P
10µs/Div
1.0
1.5
2.0
2.5
3.0
3.5
4.0
626123 TA07
The frequency response shows an expected roll-off of two
poles along with a gentle droop near the 3dB point; the
transient response is very clean.
Third Order Butterworth Filter
Maximallyflatmagnituderesponseinthepass-bandarises
from use of a Butterworth filter. A third R-C stage is added
in front of the filter in order to maximize the roll-off for a
single amplifier circuit.
LTC6261
3.3V
U1
OUT
IN
626123 TA08
R7
15.4k
R6
5.54k
C5
47pF
C4
470pF
C3
470pF
VREF
R5
7.7k
R4
7.7k
Supply current consumption is around 235µA. The values
of resistors chosen minimize consumption at the expense
of noise.
FREQUENCY (MHz)
0.001
0.01
0.1
1 2
–70.0
–60.0
–50.0
–40.0
–30.0
–20.0
–10.0
0
10.0
626123 TA09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com