Electronic Components Datasheet Search
  English  ▼

X  

LT6010 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6010
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6010 Datasheet HTML 4Page - Linear Technology LT6010 Datasheet HTML 5Page - Linear Technology LT6010 Datasheet HTML 6Page - Linear Technology LT6010 Datasheet HTML 7Page - Linear Technology LT6010 Datasheet HTML 8Page - Linear Technology LT6010 Datasheet HTML 9Page - Linear Technology LT6010 Datasheet HTML 10Page - Linear Technology LT6010 Datasheet HTML 11Page - Linear Technology LT6010 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6258/LTC6259/LTC6260
8
6258960fa
For more information www.linear.com/LTC6258
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
vs Temperature Per Channel
Output Saturation Voltage
vs Load Current
Output Saturation Voltage
vs Load Current
Output Short-Circuit Current
vs Supply Voltage (Sourcing)
Output Short-Circuit Current
vs Supply Voltage (Sinking)
0.1Hz to 10Hz Output
Voltage Noise
Input Bias Current
vs Supply Voltage
Input Bias Current vs Temperature
Supply Current vs Supply Voltage
per Channel
VCM = 0.4V
+IB (nA)
–IB (nA)
SUPPLY VOLTAGE (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
–10
–8
–6
–4
–2
0
2
4
6
8
10
6258 G10
VS = ±2.5V
+IB, VCM = 2V
–IB, VCM = 2V
+IB, VCM = –2V
–IB, VCM = –2V
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
–20
–15
–10
–5
0
5
10
15
20
6262 G11
VS = 5V
VCM = 0.4V
25°C
–40°C
125°C
SUPPLY VOLTAGE (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
2
4
6
8
10
12
14
16
18
20
6258 G12
VCM = 0.4V
VS = 5V
VS = 1.8V
TEMPERATURE (°C)
–50
–20
10
40
70
100
130
0
5
10
15
20
25
6258 G13
–40°C/5V
25°C/5V
85°C/5V
125°C/5V
–40°C/1.8V
25°C/1.8V
85°C/1.8V
125°C/1.8V
LOAD CURRENT (mA)
0
0.5
1
1.5
2
–350
–300
–250
–200
–150
–100
–50
0
6258 G14
–40°C/5V
25°C/5V
85°C/5V
125°C/5V
–40°C/1.8V
25°C/1.8V
85°C/1.8V
125°C/1.8V
LOAD CURRENT (mA)
0
0.5
1
1.5
2
0
50
100
150
200
250
300
350
6258 G15
VCM = 0.4V
25°C
125°C
–40°C
SUPPLY VOLTAGE (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0
5
10
15
20
25
6258 G16
VCM = 0.4V
SUPPLY VOLTAGE (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0
5
10
15
20
25
30
6259 G17
25°C
125°C
–40°C
VS = ±2.5V
VCM = 0.4V
AV = 1
TIME (s)
0
1
2
3
4
5
6
7
8
9 10
–5
–4
–3
–2
–1
0
1
2
3
4
5
6258 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com