Electronic Components Datasheet Search
  English  ▼

X  

LT6010 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6010
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6010 Datasheet HTML 10Page - Linear Technology LT6010 Datasheet HTML 11Page - Linear Technology LT6010 Datasheet HTML 12Page - Linear Technology LT6010 Datasheet HTML 13Page - Linear Technology LT6010 Datasheet HTML 14Page - Linear Technology LT6010 Datasheet HTML 15Page - Linear Technology LT6010 Datasheet HTML 16Page - Linear Technology LT6010 Datasheet HTML 17Page - Linear Technology LT6010 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC6258/LTC6259/LTC6260
14
6258960fa
For more information www.linear.com/LTC6258
APPLICATIONS INFORMATION
Low Supply Voltage and Low Power Consumption
The LTC6258 family of operational amplifiers can oper-
ate with power supply voltages from 1.8V to 5.25V. Each
amplifier draws 20µA. The low supply voltage capability
and low supply current are ideal for portable applications.
High Capacitive Load Driving Capability and Wide
Bandwidth
The LTC6258 family is optimized for wide bandwidth low
power applications. They have a high gain-bandwidth
to power ratio and are unity gain stable. When the load
capacitance increases, the increased capacitance at the
output pushes the non-dominant pole to lower frequency
in the open loop frequency response, worsening the phase
and gain margin. The LTC6258 family are designed to
directly drive up to 100nF of capacitive load in unity gain
configuration (see Typical Performance Characteristics,
Capacitive Load Handling).
Low Input Referred Noise
The LTC6258 family provides a low input referred noise of
38nV/√Hz at 1kHz. The average noise voltage density over
a 100kHz bandwidth is less than 80nV/√Hz. The LTC6258
family is ideal for low noise and low power signal process-
ing applications.
Low Input Offset Voltage
The LTC6258 family has a low offset voltage of 400μV,
which is essential for precision applications. The offset
voltage is trimmed with a proprietary trim algorithm to
ensure low offset voltage over the entire common mode
voltage range.
Low Input Bias Current
TheLTC6258familyusesabiascurrentcancellationcircuit
tocompensateforthebasecurrentoftheinputtransistors.
When the input common mode voltage is within 200mV of
either rail, the bias cancellation circuit is no longer active.
For common mode voltages ranging from 0.2V above the
negative supply to 0.2V below the positive supply, the
low input bias current allows the amplifiers to be used in
applications with high resistance sources.
Ground Sensing and Rail to Rail Output
The LTC6258 family delivers over 4mA of output drive
current. The output stage is a rail-to-rail topology that
is capable of swinging to within 300mV of either rail. If
output swing to the negative rail is required, an external
pull down resistor to a negative supply can be added.
For 5V/0V op amp supplies, a pull down resistor of 10k
to –2V will allow a ‘true zero’ output swing. In this case,
the output can swing all the way to the bottom rail while
maintaining 45dB of open loop gain. Since the inputs
can go 100mV beyond either rail, the op amp can easily
perform ‘true ground’ sensing.
The maximum output current is a function of total supply
voltage. As the supply voltage to the amplifier increases,
themaximumoutputcurrentalsoincreases.Attentionmust
be paid to keep the junction temperature of the IC below
150°C when the output is in continuous short-circuit. The
output of the amplifier has reverse-biased diodes con-
nected to each supply. The output should not be forced
more than 0.5V beyond either supply, otherwise current
will flow through these diodes.
EMI Rejection
Electromagnetic interference (EMI) rejection is built into
the LTC6258 op amp family. Rejection is measured by
injecting 200mVP-P (–10dBm) RF signal into the pins and
measuring the offset change (delta_VOS). The rejection
ratio is calculated as 20log (100mV/delta_VOS).
Input Protection and Output Overdrive
To prevent breakdown of the input transistors, the input
stages are protected against a large differential input
voltage by two pairs of back-to-back diodes, D5 to D8. If
the differential input voltage exceeds 1.4V, the current in
these diodes must be limited to less than 10mA. These
amplifiersarenotintendedforopenloopapplicationssuch
as comparators. When the output stage is overdriven,
internal limiting circuitry is activated to improve overdrive
recovery. In some applications, this circuitry may draw as
much as 1mA supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com