Electronic Components Datasheet Search
  English  ▼

X  

HMC962LC4 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC962LC4
Description  GaAs pHEMT MMIC LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC962LC4 Datasheet(HTML) 4 Page - Analog Devices

  HMC962LC4 Datasheet HTML 1Page - Analog Devices HMC962LC4 Datasheet HTML 2Page - Analog Devices HMC962LC4 Datasheet HTML 3Page - Analog Devices HMC962LC4 Datasheet HTML 4Page - Analog Devices HMC962LC4 Datasheet HTML 5Page - Analog Devices HMC962LC4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC962LC4
v02.0614
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 7.5 - 26.5 GHz
70
72
74
76
78
80
82
84
-8
-6
-4
-2
0
2
4
6
8
INPUT POWER (dBm)
Absolute Maximum Ratings
eleCTrosTATiC seNsiTiVe DeViCe
oBserVe HANDliNG preCAUTioNs
Drain Bias Voltage
+4V
rf input power
+10 dBm
Channel Temperature
150 °C
Continuous pdiss (T = 85 °C)
(derate 5.97 mw/°C above 85 °C)
0.39 w
Thermal resistance
(Channel to ground paddle)
167.6 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
esD sensitivity (HBm)
Class 1A
Current vs. Input Power @ 17 GHz
Outline Drawing
NoTes:
1. pACKAGe BoDY mATeriAl: AlUmiNA.
2. leAD AND GroUND pADDle plATiNG: GolD flAsH oVer NiCKel.
3. DimeNsioNs Are iN iNCHes (millimeTers).
4. leAD spACiNG TolerANCe is NoN-CUmUlATiVe.
5. pACKAGe wArp sHAll NoT eXCeeD 0.05mm DATUm – C –
6. All GroUND leADs AND GroUND pADDle mUsT Be solDereD To
pCB rf GroUND.
Package Information
part Number
package Body material
lead finish
msl rating
package marking [2]
HmC962lC4
Alumina, white
Gold over Nickel
msl3
[1]
H962
XXXX
[1] max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com