Electronic Components Datasheet Search
  English  ▼

X  

HMC962LC4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC962LC4
Description  GaAs pHEMT MMIC LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC962LC4 Datasheet(HTML) 1 Page - Analog Devices

  HMC962LC4 Datasheet HTML 1Page - Analog Devices HMC962LC4 Datasheet HTML 2Page - Analog Devices HMC962LC4 Datasheet HTML 3Page - Analog Devices HMC962LC4 Datasheet HTML 4Page - Analog Devices HMC962LC4 Datasheet HTML 5Page - Analog Devices HMC962LC4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC962LC4
v02.0614
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 7.5 - 26.5 GHz
General Description
Features
Functional Diagram
low Noise figure: 2.5 dB
Gain: 13 dB
p1dB output power: 13 dBm
single supply Voltage: +3.5V @ 70mA
output ip3: +23 dBm
50 ohm matched input/output
24 lead 4x4 mm smT package: 16mm²
Electrical Specifications
, T
A = +25° C, Vdd1 = Vdd2 = +3.5V, Idd = 70 mA
Typical Applications
This HmC962lC4 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Military & Space
• Test Instrumentation
The HmC962lC4 is a self-biased GaAs mmiC low
Noise Amplifier housed in a leadless 4x4 mm ceramic
surface mount package. The amplifier operates
between 7.5 and 26.5 GHz, providing 13 dB of small
signal gain, 2.5 dB noise figure, and output ip3 of
+23 dBm, while requiring only 70 mA from a +3.5 V
supply. The p1dB output power of +13 dBm enables
the lNA to function as a lo driver for balanced, i/Q
or image reject mixers. The HmC962lC4 also fe-
atures i/os that are DC blocked and internally mat-
ched to 50 ohms, making it ideal for high capacity
microwave radios and VsAT applications.
parameter
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
7.5 - 10
10 - 24
24 - 26.5
GHz
Gain
10
12
10
13
8
10
dB
Gain Variation over Temperature
0.027
0.024
0.024
dB / °C
Noise figure [1]
2.5
3.7
2.5
3
2.7
3.7
dB
input return loss
13
10
7
dB
output return loss
10
12
11
dB
output power for 1 dB Compression
10
12
13
dBm
saturated output power (psat)
14
15
15
dBm
output Third order intercept (ip3)
22
23
25
dBm
supply Current (idd)
(Vdd = 3.5V, Vgg1 = Vgg2 = open)
70
95
70
95
70
95
mA
[1] Board loss subtracted out.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC962LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC962LC4 HITTITE-HMC962LC4 Datasheet
1,019Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz
More results

Similar Description - HMC962LC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC594LC3B AD-HMC594LC3B Datasheet
356Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com