Electronic Components Datasheet Search
  English  ▼

X  

MP8110DS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8110DS
Description  Precision High-Side Current Sense Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8110DS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8110DS Datasheet HTML 1Page - Monolithic Power Systems MP8110DS Datasheet HTML 2Page - Monolithic Power Systems MP8110DS Datasheet HTML 3Page - Monolithic Power Systems MP8110DS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV8110DS-00A – PRECISION HIGH-SIDE CURRENT SENSE AMPLIFIER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV8110DS-00A Rev. 1.0
www.MonolithicPower.com
4
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
QUICK START GUIDE
1. Preset the power supply to 2.5V ≤ VIN ≤ 40V.
2. Turn the power supply off.
3. Connect the power supply terminals to:
a. Positive (+): VIN
b. Negative (-): GND
4. Connect the load to:
a. Positive (+): VOUT
b. Negative (-): GND
5. Make sure jumper JP1 is installed.
6. Turn on the power supply. The MP8110 is enabled one the evaluation board once VIN is applied.
To disable the MP8110, remove jumper JP1.
Output Voltage 1 and Output Voltage 2 are obtained across resistor R3 and capacitor C1,
respectively. The output voltages can be calculated as:
LOAD
LOAD
2
OUT
1
OUT
I
2
.
0
3
R
1
R
4
R
I
V
V
×
=
×
×
=
=
Where R4=20mΩ, R1=R2=2kΩ and R3=20kΩ.
7. JP2 is a jumper to set VCC. If VIN = VCC, JP2 jumper should be installed, otherwise using external
power supply to supply VCC and VCC ≥ VIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com