Electronic Components Datasheet Search
  English  ▼

X  

MP8110DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8110DS
Description  Precision High-Side Current Sense Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8110DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8110DS Datasheet HTML 1Page - Monolithic Power Systems MP8110DS Datasheet HTML 2Page - Monolithic Power Systems MP8110DS Datasheet HTML 3Page - Monolithic Power Systems MP8110DS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV8110DS-00A
Precision High-Side
Current Sense Amplifier
EV8110DS-00A Rev. 1.0
www.MonolithicPower.com
1
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8110DS-00A is an evaluation board for
the MP8110, a low-cost, precision, high-side
current-sense amplifier. The input voltage
ranges from 2.5V to 40V. The output voltages
are proportional to the load current with a 1V
output corresponding to 5A of load current.
The MP8110 operates from a single 2.5V to
40V supply and typically consumes 17µA. It is
ideal for today’s notebook computers, cell
phones and other systems where battery/DC
current monitoring is critical.
High-side current monitoring is especially useful
in battery-powered systems since it does not
interfere with the ground path of the battery
charger. The input common-mode range of
1.4V to 40V is independent of the supply
voltage and ensures that the current-sense
feedback remains viable even when connected
to a 2-cell battery pack in deep discharge.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN=VCC
2.5 – 40
V
Load Current
ILOAD
0 – 5
A
Output Voltage 1
VOUT1
0 – 1
V
Output Voltage 2
VOUT2
0 – 1
V
FEATURES
• 2.5V to 40V Operating Supply Voltage
• 1.4V to 40V Input Common Mode Range
• Fully Assembled and Tested
APPLICATIONS
• Portable PCs
• PDA’s
• Smart Battery Packs
• Cell Phones
• Portable Test/Measurement Systems
• Battery-Operated Systems
• Energy Management Systems
“MPS” and “The Future of Analog IC Technology”, are Trademarks of Monolithic
Power Systems, Inc.
EV8110DS-00A EVALUATION BOARD
(L x W x H) 1.7” x 1.6” x 0.6”
(4.4cm x 4.2cm x 1.4cm)
Board Number
MPS IC Number
EV8110DS-00A
MP8110DS
1000
800
600
400
200
0
012345
LOAD CURRENT (A)
EV8100_EC01
Output Voltage vs
Load Current
VIN=5V


Similar Part No. - MP8110DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8110DS MPS-MP8110DS Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
More results

Similar Description - MP8110DS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
logo
Linear Technology
LT6100 LINER-LT6100 Datasheet
257Kb / 16P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Linear Technology
LT6100 LINER-LT6100_15 Datasheet
1Mb / 18P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com