Electronic Components Datasheet Search
  English  ▼

X  

CA3083Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CA3083Z
Description  General Purpose High Current NPN Transistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3083Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  CA3083Z Datasheet HTML 1Page - Renesas Technology Corp CA3083Z Datasheet HTML 2Page - Renesas Technology Corp CA3083Z Datasheet HTML 3Page - Renesas Technology Corp CA3083Z Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FN481 Rev.7.00
Page 1 of 4
December 15, 2011
FN481
Rev.7.00
December 15, 2011
CA-3083
General Purpose High Current NPN Transistor Array
DATASHEET
The CA3083 is a versatile array of five high current (to
100mA) NPN transistors on a common monolithic substrate.
In addition, two of these transistors (Q1 and Q2) are
matched at low current (i.e., 1mA) for applications in which
offset parameters are of special importance.
Independent connections for each transistor plus a separate
terminal for the substrate permit maximum flexibility in circuit
design
.
Features
• High IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA (Max)
•Low VCE sat (at 50mA). . . . . . . . . . . . . . . . . . . 0.7V (Max)
• Matched Pair (Q1 and Q2)
-VIO (VBE Match). . . . . . . . . . . . . . . . . . . . . 5mV (Max)
-IIO (at 1mA) . . . . . . . . . . . . . . . . . . . . . . . . 2.5A (Max)
• 5 Independent Transistors Plus Separate Substrate
Connection
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Signal Processing and Switching Systems Operating from
DC to VHF
• Lamp and Relay Driver
• Differential Amplifier
• Temperature Compensated Amplifier
• Thyristor Firing
• See Application Note AN5296 “Applications of the
CA3018 Circuit Transistor Array” for Suggested
Applications
Pinout
CA3083
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
CA3083
CA3083
-55 to 125 16 Ld PDIP
E16.3
CA3083Z
(Note)
CA3083Z
-55 to 125 16 Ld PDIP* (Pb-free) E16.3
CA3083M96 3083
-55 to 125 16 Ld SOIC
Tape and Reel
M16.15
CA3083MZ
(Note)
3083MZ
-55 to 125 16 Ld SOIC (Pb-Free) M16.15
CA3083MZ96
(Note)
3083MZ
-55 to 125 16 Ld SOIC (Pb-Free)
Tape and Reel
M16.15
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
SUBSTRATE
Q1
Q2
Q3
Q4
Q5


Similar Part No. - CA3083Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3083Z INTERSIL-CA3083Z Datasheet
147Kb / 4P
General Purpose High Current NPN Transistor Array
February 7, 2006
More results

Similar Description - CA3083Z

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Intersil Corporation
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
General Purpose High Current NPN Transistor Arrays
November 1999
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
General Purpose High Current NPN Transistor Array
September 1998
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
General Purpose NPN Transistor Array
August 2003
CD3086 INTERSIL-CD3086 Datasheet
34Kb / 5P
General Purpose NPN Transistor Array
November 1996
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
General Purpose NPN Transistor Array
August 2003
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
General Purpose High Current NPN Transistor Array
February 7, 2006
logo
Rochester Electronics
CA3082 ROCHESTER-CA3082 Datasheet
607Kb / 1P
HIGH CURRENT NPN TRANSISTOR for general purpose applications BJT Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com