Electronic Components Datasheet Search
  English  ▼

X  

CA3083Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CA3083Z
Description  General Purpose High Current NPN Transistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3083Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  CA3083Z Datasheet HTML 1Page - Renesas Technology Corp CA3083Z Datasheet HTML 2Page - Renesas Technology Corp CA3083Z Datasheet HTML 3Page - Renesas Technology Corp CA3083Z Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA-3083
FN481 Rev.7.00
Page 2 of 4
December 15, 2011
Absolute Maximum Ratings
Thermal Information
The following ratings apply for each transistor in the device:
Collector-to-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . 15V
Collector-to-Base Voltage, VCBO. . . . . . . . . . . . . . . . . . . . . . . . 20V
Collector-to-Substrate Voltage, VCIO (Note 1). . . . . . . . . . . . . . 20V
Emitter-to-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Collector Current (IC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Base Current (IB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to 125°C
Thermal Resistance (Typical, Note 2)
JA (°C/W) JC (°C/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
135
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
200
N/A
Maximum Power Dissipation (Any One Transistor) . . . . . . . 500mW
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor of the CA3083 is isolated from the substrate by an integral diode. The substrate must be connected to a voltage
which is more negative than any collector voltage in order to maintain isolation between transistors and provide normal transistor action. To
avoid undesired coupling between transistors, the substrate Terminal (5) should be maintained at either DC or signal (AC) ground. A suitable
bypass capacitor can be used to establish a signal ground.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
For Equipment Design, TA = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FOR EACH TRANSISTOR
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC = 100A, IE = 0
20
60
-
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Substrate Breakdown Voltage
V(BR)CIO
ICI = 100A, IB = 0, IE = 0
20
60
-
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE = 500A, IC = 0
5
6.9
-
V
Collector-Cutoff-Current
ICEO
VCE = 10V, IB = 0
-
-
10
A
Collector-Cutoff-Current
ICBO
VCB = 10V, IE = 0
-
-
1
A
DC Forward-Current Transfer Ratio (Note 3) (Figure 1)
hFE
VCE = 3V
IC = 10mA
40
76
-
IC = 50mA
40
75
-
Base-to-Emitter Voltage (Figure 2)
VBE
VCE = 3V, IC = 10mA
0.65
0.74
0.85
V
Collector-to-Emitter Saturation Voltage (Figures 3, 4)
VCE SAT
IC = 50mA, IB = 5mA
-
0.40
0.70
V
Gain Bandwidth Product
fT
VCE = 3V, IC = 10mA
-
450
-
MHz
FOR TRANSISTORS Q1 AND Q2 (As a Differential Amplifier)
Absolute Input Offset Voltage (Figure 6)
|VIO|VCE = 3V, IC = 1mA
-
1.2
5
mV
Absolute Input Offset Current (Figure 7)
|IIO|VCE = 3V, IC = 1mA
-
0.7
2.5
A
NOTE:
3. Actual forcing current is via the emitter for this test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com