Electronic Components Datasheet Search
  English  ▼

X  

HSP50210 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HSP50210
Description  Digital Costas Loop
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50210 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HSP50210 Datasheet HTML 35Page - Renesas Technology Corp HSP50210 Datasheet HTML 36Page - Renesas Technology Corp HSP50210 Datasheet HTML 37Page - Renesas Technology Corp HSP50210 Datasheet HTML 38Page - Renesas Technology Corp HSP50210 Datasheet HTML 39Page - Renesas Technology Corp HSP50210 Datasheet HTML 40Page - Renesas Technology Corp HSP50210 Datasheet HTML 41Page - Renesas Technology Corp HSP50210 Datasheet HTML 42Page - Renesas Technology Corp HSP50210 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
HSP50210
FN3652 Rev.5.00
Page 39 of 51
Jul 2, 2008
13-9
Symbol Tracking
Lead Gain Exponent
(Acquisition)
These bits set the lead gain exponent as given by:
Symbol Tracking Lead Gain Exponent = 2 -(32-E),
where E corresponds to the 5-bit binary value programmed here. Thus, a gain range from
2-1 to 2-32 relative to the MSB position of the NCO control word may be achieved for E = 11111 to 00000
Binary. Bit position 13 is the MSB.
8-5
Symbol Tracking Lag
Gain Mantissa
(Acquisition)
Format same as lead gain mantissa. Bit position 8 is the MSB.
4-0
Symbol Tracking Lag
Gain Exponent
(Acquisition)
Format same as lead gain exponent. Bit position 4 is the MSB.
TABLE 32. SYMBOL TRACKING LOOP FILTER GAIN (ACQ) CONTROL REGISTER (Continued)
DESTINATION ADDRESS = 17
BIT
POSITION
FUNCTION
DESCRIPTION
TABLE 33. SYMBOL TRACKING LOOP FILTER GAIN (TRK) CONTROL REGISTER
DESTINATION ADDRESS = 18
BIT
POSITION
FUNCTION
DESCRIPTION
31-24
Not Used
No programming required.
23-18
Reserved
Reserved. Set to 0 for proper operation.
17-14
Symbol Tracking Lead Gain Mantissa
(Track)
Format same as lead gain mantissa (see Table 32). Bit position 17 is the MSB.
13-9
Symbol Tracking Lead Gain Exponent
(Track)
Format same as lead gain exponent (see Table 32). Bit position 13 is the MSB.
8-5
Symbol Tracking Lag Gain Mantissa
(Track)
Format same as lead gain mantissa (see Table 32). Bit position 8 is the MSB.
4-0
Symbol Tracking Lag Gain Exponent
(Track)
Format same as lead gain exponent (see Table 32). Bit position 4 is the MSB.
TABLE 34. SYMBOL TRACKING LOOP FILTER LAG ACCUMULATOR INITIALIZATION CONTROL REGISTER
DESTINATION ADDRESS = 19
BIT
POSITION
FUNCTION
DESCRIPTION
N/A
Symbol Tracking Loop
Filter Lag Accumulator
Initialization
Writing to this address initializes the lag accumulator with the contents of the four Microprocessor
Interface Holding Registers at the start of the next loop filter computation cycle. The contents of the
holding registers should not be changed until after the start of a new compute cycle since the current
contents of the holding registers are loaded at the compute cycle start. At a slow rate, it could take 1 low
rate symbol time to change. The Microprocessor Interface should be used to read an internal status
register which signals when the lag accumulator load is complete (see Table 13 in the “Microprocessor
Interface” on page 27). The contents of the holding registers are loaded into the 32 MSBs of the lag
accumulator and the 8 LSBs are zeroed.
It is a good practice to load the LAG accumulators at the very end of a configuration load sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com