Electronic Components Datasheet Search
  English  ▼

X  

M56759AFP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M56759AFP
Description  4-CHANNEL ACTUATOR DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56759AFP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M56759AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
4-CHANNEL ACTUATOR DRIVER
M56759FP/AFP
MITSUBISHI <CONTROL / DRIVER IC>
APPLICATION CIRCUIT No.1
12V
2.5V
5V
5V
5V
cf. R1=10K,R2=14K
Voltage gain = GainCH1 •
•
R2 / R1
= 5
14 / 10
= 7 (V/V) =16.9dB
if. Ra=10
Current gain = 7/10 = 0.7 (A/V)
•single input (linear signal)
•Direct voltage control
12.5K
2.5K
12.5K
2.5K
10K
10K
12.5K
2.5K
12.5K
2.5K
12.5K
2.5K
12.5K
2.5K
10K
10K
12.5K
2.5K
12.5K
2.5K
10K
12.5K
5K
10K
12.5K
5K
5K
10K
12.5K
5K
10K
5K
5K
12.5K
4K
25K
5K
5K
10K
10K
5K
10K
10K
5K
42
41
24
25
27
28
29
31
30
26
23
35
34
36
37
38
39
40
19
18
17
20
21
22
6
7
4
5
9
8
1
3
2
15
16
14
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com