Electronic Components Datasheet Search
  English  ▼

X  

M56759AFP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M56759AFP
Description  4-CHANNEL ACTUATOR DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56759AFP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M56759AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56759AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
4-CHANNEL ACTUATOR DRIVER
M56759FP/AFP
MITSUBISHI <CONTROL / DRIVER IC>
-40 – +150
SOUT1
S2 amplifier output
VREF0
,
pins
,
,
,
,
,
,
,
,
,
,
,
,
,
,
pins
pins input voltage
,
and
pins input voltage
pin input voltage
V
V
Bootstrap power supply
VCC2
15
Symbol
Rating
Unit
Parameter
Conditions
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C)
V
mA
˚C
V
V
V
˚C
mW/˚C
˚C
Vm
VCC1
Io
Vin1
Pt
K
θ
Tj
Topr
Tstg
15
7.0
700
0 – VCC1
1.2
9.6
150
-20 – +70
W
Vin2
0 – Vm1
Limits
Min.
Typ.
Max.
Symbol
Unit
Parameter
RECOMMENDED OPERATING CONDITIONS
VCC1
5.0
4.5
5.5
V
Vm+1.0
VCC2
Vm1,2,3
5.0
Motor power supply
5V power supply
Output Current
Maximum input voltage of terminals
Power dissipation
Thermal derating
Junction temperature
Operating temperature
Storage temperature
Free Air
Free Air
5V power supply
Bootstrap power supply
Motor power supply-1, 2, 3
IN4B-
E4 amplifier high gain input
IN2-
E1 amplifier non-inverted input
Pin No.
Symbol
Pin No.
Function
Symbol
PIN DESCRIPTIONS
VCC2
VREF
IN3-
IN3+
Vm3
OUT3
VM3(-)
VM3(+)
GND
VM4(+)
VM4(-)
IN4A-
Vm2
Bootstrap power supply
1
2
3
4
5
6
9
12
13
14
15
16
E3 amplifier output
CH3 inverted output
CH3 non-inverted output
GND
CH4 non-inverted output
CH4 inverted output
Motor power supply-2
to
10
11
7
Function
OP2OUT
VCC1
SIN1-
Vm1
IN1+
IN1-
OUT1
VM1(-)
VM1(+)
GND
VM2(+)
VM2(-)
OUT2
CH4 mute
22
23
24
25
26
27
30
31
34
35
36
CH2 inverted output
CH2 non-inverted output
GND
CH1 non-inverted output
CH1 inverted output
E1 amplifier output
E1 amplifier inverted input
to
32
33
28
Reference voltage input
E3 amplifier inverted input
E3 amplifier non-inverted input
Motor power supply-3
CH1, 2 and 3 mute
S2 amplifier inverted input
E2 amplifier non-inverted input
E2 amplifier inverted input
E2 amplifier output
8
OP2-
OP2 amplifier inverted input
MUTE2
OP2 amplifier output
OP1OUT
OP1-
OP1+
OP2+
17
18
19
20
21
OP1 amplifier output
OP1 amplifier inverted input
OP2 amplifier non-inverted input
IN2+
SIN2-
SOUT2
MUTE1
37
38
39
40
41
Motor power supply-1
S1 amplifier inverted input
S1 amplifier output
5V power supply
Reference voltage output
E4 amplifier low gain input
OP1 amplifier non-inverted input
29
42
1
26
15
23
2
4
5
14
16
18
19
20
21
27
28
37
38
41
42
25
39
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com