Electronic Components Datasheet Search
  English  ▼

X  

HCPS2907 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCPS2907
Description  SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCPS2907 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCPS2907 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPS2907 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPS2907 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPS2907 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 4
HCPS2907(PNP)
REPLACEMENT TYPE : MPS2907
FEATURES
Complementary NPN Type Available (HCPS2222)
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC=-10μA , IE=0
-60
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-10mA , IB=0
-40
V
Emitter-Base Breakdown Voltage
VEBO
IE=-10μA , IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-50V , IE=0
-10
nA
Collector Cut-off Current
ICBX
VCE=-30V,VEB(off)=-0.5V
-50
nA
Emitter Cut-off Current
IEBO
VEB=-3V , IC=0
-10
nA
DC Current Gain
hFE(1)
VCE=-10V , IC=-0.1mA
52
hFE(2)
VCE=-10V , IC=-150mA
100
300
hFE(3)
VCE=-10V , IC=-500mA
32
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-150mA , IB=-15mA
-0.4
V
VCE(sat)
IC=-500mA , IB=-50mA
-0.67
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-150mA , IB=-15mA
-1
V
VBE(sat)
IC=-500mA , IB=-50mA
-1.2
V
Transition Frequency
fT
VCE=-20V,IC=-50mA,f=100MHz
200
MHz
Delay Time
tD
VCC=-30V,Ic=-150mA
IB1=-15mA
10
nS
Rise Time
tR
25
nS
Storage Time
tS
VCC=-6V,Ic=-150mA
IB1=IB2=-15mA
225
nS
Fall Time
tF
60
nS
CLASSIFICATION OF hFE
Rank
L
H
Range
100-200
200-300
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current-Continuous
IC
-0.6
A
Collector Power Dissipation
PC
0.625
W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55-150
°C
TO-92
1:EMITTER
2:BASE 3:COLLECTOR
SWITCHING TRANSISTOR


Similar Part No. - HCPS2907

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
SWITCHING TRANSISTOR
More results

Similar Description - HCPS2907

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
Switching Transistor
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
Switching Transistor
October, 2010 -- Rev. 2
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
Switching transistor
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com