Electronic Components Datasheet Search
  English  ▼

X  

HCPS2907 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCPS2907
Description  SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCPS2907 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCPS2907 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPS2907 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPS2907 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPS2907 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HCPS2907(PNP)
Typical Characteristics
-10
-100
0
100
200
300
400
500
-0.1
-1
-10
-100
10
100
1000
0
25
50
75
100
125
150
0
125
250
375
500
625
750
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-0.1
-1
-10
1
10
100
-1
-10
-100
-0.01
-0.1
-1
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-0
-10
-20
-30
-40
-50
-0
-40
-80
-120
-160
-200
COMMON EMITTER
V
CE
=-20V
T
a
=25
h
FE
——
f
T
——
-4
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
=-10V
I
C
-600
I
C
T
a
=25
T
a
=100
COLLECTOR CURRENT
I
C
(mA)
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
COMMON EMITTER
V
CE
=-10V
-600
T
a
=100
T
a
=25
BASE-EMMITER VOLTAGE
V
BE
(V)
f=1MHz
I
E
=0/I
C
=0
T
a
=25
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
V
BE
I
C
——
-600
β=10
T
a
=100
T
a
=25
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
-600
β=10
I
C
V
BEsat
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
T
a
=25
-1mA
-900uA
-800uA
-700uA
-600uA
-500uA
-400uA
-300uA
-200uA
I
B
=-100uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
SWITCHING TRANSISTOR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com