Electronic Components Datasheet Search
  English  ▼

X  

EMIF04-MMC02F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF04-MMC02F2
Description  4 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-MMC02F2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF04-MMC02F2 Datasheet HTML 1Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 2Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 3Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 4Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 5Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 6Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF04-MMC02F2
3/7
Figure 3: S21 (dB) attenuation measurement
and Aplac simulation
Figure 4: Crosstalk measurements
Figure 5: ESD response to IEC61000-4-2
(+15kV air discharge) on one input V(in) and on
one output (Vout)
Figure 6: ESD response to IEC61000-4-2 (-15kV
air discharge) on one input V(in) and on one
output (Vout)
Figure 7: Junction capacitance versus reverse
voltage applied (typical values)
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 50.00
- 45.00
- 40.00
- 35.00
- 30.00
- 25.00
- 20.00
- 15.00
- 10.00
- 5.00
0.00
EMIF04-MMC02F2: Aplac vs measurement (C3/C1 line)
dB
f/Hz
Measurement
-
-
Simulation
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
Xtalk measurements C3/B1
dB
f/Hz
V(in)
V(out)
V(in)
V(out)
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VR(V)
C(pF)
F=1MHz
V
osc=30mVRMS
T
j=25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com