Electronic Components Datasheet Search
  English  ▼

X  

EMIF04-MMC02F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF04-MMC02F2
Description  4 LINES EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-MMC02F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF04-MMC02F2 Datasheet HTML 1Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 2Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 3Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 4Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 5Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 6Page - STMicroelectronics EMIF04-MMC02F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMIF04-MMC02F2
4/7
Figure 8: Aplac model device structure
Figure 9: Aplac model connections
R3
R2
R1
D1
C3
B3
A3
C1
B1
A2
120pH
100m
D3
C2
B2
R10
R20
MODEL = demif04_gnd
MODEL = demif04
MODEL = demif04
R4
D2
DEMIF04
BV = 7
IBV = 1m
CJO = Cz
M = 0.3333
RS = 1
VJ = 0.6
TT = 100n
DEMIF04 gnd
BV = 7
IBV = 1m
CJO = Cz_gnd
M = 0.3333
RS = 1
VJ = 0.6
TT = 100n
Lbump
Rbump
Lhole
Rhole
D2
cap_hole
Cins
Rins
A2
B1
C1
D1
Cins
Rins
Cins
Rins
Cins
Rins
Cins
Rins
Cins
Rins
A3
B3
C3
D3
Cins
Rins
Cins
Rins
Cins
Rins
Cins
Rins
Lbump 50pH
lhole 940pH opt
Rhole 100m
cap_hole 0.15pF
Cins 200fF
Rins 10Meg
R1 47 opt
R2 47
R3 47
R4 47
R10 13k
R20 56k
Cz 15pF opt
Cz_gnd 45pF opt
Ls 450pH opt
Rs 300m
Rbump 50m



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com