Electronic Components Datasheet Search
  English  ▼

X  

HBFP0405 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HBFP0405
Description  High Performance Isolated Collector Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HBFP0405 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HBFP0405 Datasheet HTML 2Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 3Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 4Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 5Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 6Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 7Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 8Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 9Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
SOT343 Package Model
L = 0.2 nH
L = 0.7 nH
L = 0.2 nH
L = 0.15 nH
L = 0.22 nH
LLB
L
LT1
L
LLI
L
LL2
L
C2T1
C
C1T1
C
CCEB
C
C = 0.08 pF
AGROUND
AGROUND
BASE
COLLECTOR
EMITTER
C = 0.05 pF
C = 0.04 pF
C = 0.04 pF
L = 0.7 nH
CMP44
L
AGROUND
AGROUND
LLE
L
L = 0.1 nH
LT2
L
C2T2
C
C = 0.1 pF
AGROUND
C1T2
C
L = 0.5 nH
L = 0.2 nH
LL3
L
LT3
L
C1T3
C
CCEC
C
C2T3
C
C = 0.1 pF
C = 0.01 pF
AGROUND
AGROUND
C = 0.144 pF
C = 0.05 pF
CCBC
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com