Electronic Components Datasheet Search
  English  ▼

X  

HBFP0405 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HBFP0405
Description  High Performance Isolated Collector Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HBFP0405 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HBFP0405 Datasheet HTML 2Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 3Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 4Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 5Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 6Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 7Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 8Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 9Page - List of Unclassifed Manufacturers HBFP0405 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Package Dimensions
SOT-343 (SC-70 4 Lead)
Part Number Ordering Information
Part Number
Devices per Reel
Container
HBFP-0405-TR1
3000
7" Reel
HBFP-0405-TR2
10,000
13" Reel
HBFP-0405-BLK
100
antistatic bag
E
D
A
A1
b TYP
e
E1
1.30 (0.051)
BSC
1.15 (.045) BSC
θ
h
C TYP
L
DIMENSIONS ARE IN MILLIMETERS (INCHES)
DIMENSIONS
MIN.
0.80 (0.031)
0 (0)
0.25 (0.010)
0.10 (0.004)
1.90 (0.075)
2.00 (0.079)
0.55 (0.022)
0.450 TYP (0.018)
1.15 (0.045)
0.10 (0.004)
0
MAX.
1.00 (0.039)
0.10 (0.004)
0.35 (0.014)
0.20 (0.008)
2.10 (0.083)
2.20 (0.087)
0.65 (0.025)
1.35 (0.053)
0.35 (0.014)
10
SYMBOL
A
A1
b
C
D
E
e
h
E1
L
θ
1.15 (.045) REF
1.30 (.051) REF
1.30 (.051)
2.60 (.102)
0.55 (.021) TYP
0.85 (.033)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com