Electronic Components Datasheet Search
  English  ▼

X  

MPQ4559DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ4559DN
Description  1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4559DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ4559DN Datasheet HTML 1Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 2Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 3Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 4Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 5Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVQ4559DN-00A – 1.5A, 55V, 2MHz STEP-DOWN CONVERTER EVALUATION BOARD
EVQ4559DN-00A Rev. 1.0
www.MonolithicPower.com
2
12/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
C4
NS
C6
680pF
C7
NS
C5
100nF
D2
D3
NS
D1
NS
U1
C11
NS
C10
NS
GND
VOUT
GND
VIN
VIN
EN
FREQ
GND
BST
5
1
4
3
7
2
6
8
SW
FB
COMP
MPQ4559
EN
EVQ4559DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer
Part Number
2
C1, C2
2.2µF
Ceramic Cap., 100V, X7R
1210
Murata
GRM32ER72A225KA35L
1
C3
0.1µF
Ceramic Cap., 100V, X7R
0805
TDK
C2012X7R2A104K
4
C4, C7,
C10,C11
Not Stuffed
1
C5
100nF
Ceramic Cap., 50V, X7R
0603
TDK
C1608X7R1H104K
1
C6
680pF
Ceramic Cap., 50V, X7R
0603
TDK
C1608X7R1H681K
1
C8
22µF
Ceramic Cap., 16V, X7R
1210
Murata
GRM32ER71C226ME18L
1
C9
0.1µF
Ceramic Cap., 50V, X7R
0805
TDK
C2012X7R1H104K
1
R1
24.9kΩ Film Res., 1%
0603
Yageo
RC0603FR-0724K9L
1
R2
100kΩ Film Res., 1%
0603
Yageo
RC0603FR-07100KL
1
R3
200kΩ Film Res., 1%
0603
Yageo
RC0603FR-07200KL
1
R4
40.2kΩ Film Res., 1%
0603
Yageo
RC0603FR-0740K2L
1
R5
42.2kΩ Film Res., 1%
0603
Yageo
RC0603FR-0742K2L
1
R6
124kΩ Film Res., 1%
0603
Yageo
RC0603FR-07124KL
2
D1, D3
Not Stuffed
1
D2
Diode Schottky, 90V, 2A
SMB
Diodes Inc
B290-13-F
Inductor, 4.3A
SMD
Toko
D104C-#919AS-100M
Inductor, 4A
SMD
Cooper
SD8350-100-R
1
L1
10µH
Inductor, 3.6A
SMD
Wurth
744066100
1
U1
Step-Down Regulator
SO8
MPS
MPQ4559DN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com