Electronic Components Datasheet Search
  English  ▼

X  

MPQ4559DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4559DN
Description  1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4559DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4559DN Datasheet HTML 1Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 2Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 3Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 4Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 5Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EVQ4559DN-00A
1.5A, 55V, 2MHz
Step-Down Converter Evaluation Board
AEC-Q100 Qualified
EVQ4559DN-00A Rev. 1.0
www.MonolithicPower.com
1
12/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EVQ4559DN-00A is an evaluation board
for the MPQ4559, a high frequency step-down
regulator with an integrated power MOSFET.
The MPQ4559 integrates a 250mΩ MOSFET
that provides 1.5A load current over a wide
operating input voltage of 4.5V to 55V.
Current mode control provides fast transient
response and eases loop stabilization. An
internal soft-start prevents inrush current at
turn-on.
The EVQ4559DN-00A is a fully assembled and
tested PCB. It generates a +3.3V output voltage
at load current up to 1.5A from an 8V to 55V
input range. Switching frequency is set at
500kHz.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
8 – 55
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
1.5
A
FEATURES
 1.5A Output Current
 Programmable Switching Frequency up to
2MHz
 Wide 8V to 55V Operating Input Range
 Adjustable Output from 0.8V
 Fully Assembled and Tested
APPLICATIONS
High Voltage Power Conversion
Game Machines
Automotive Systems
Industrial Power Systems
Distributed Power Systems
Printer Systems
Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
EVQ4559DN-00A EVALUATION BOARD
(L x W x H) 2.5” x 2.5” x 0.4”
(6.35cm x 6.35cm x 1.0cm)
Board Number
MPS IC Number
EVQ4559DN-00A
MPQ4559DN
0
0.5
1
1.5
2
IOUT (A)
40
50
60
70
80
90
100
Efficiency @VOUT=3.3V
fs=500kHz
VIN=55V
VIN=12V


Similar Part No. - MPQ4559DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4559DN MPS-MPQ4559DN Datasheet
1,016Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4559DN MPS-MPQ4559DN Datasheet
911Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4559DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MPQ4558 MPS-MPQ4558 Datasheet
527Kb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4559 MPS-MPQ4559 Datasheet
1,016Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561 MPS-MPQ4561 Datasheet
1Mb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4559-AEC1 MPS-MPQ4559-AEC1 Datasheet
911Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561-AEC1 MPS-MPQ4561-AEC1 Datasheet
1,010Kb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
1.5A, 2MHz, 55V Step-Down Converter
EVQ4560-N-00A MPS-EVQ4560-N-00A Datasheet
711Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
EVQ4560-Q-00A MPS-EVQ4560-Q-00A Datasheet
665Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com