Electronic Components Datasheet Search
  English  ▼

X  

ISL6721 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6721
Description  Flexible Single-Ended Current Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6721 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6721 Datasheet HTML 2Page - Renesas Technology Corp ISL6721 Datasheet HTML 3Page - Renesas Technology Corp ISL6721 Datasheet HTML 4Page - Renesas Technology Corp ISL6721 Datasheet HTML 5Page - Renesas Technology Corp ISL6721 Datasheet HTML 6Page - Renesas Technology Corp ISL6721 Datasheet HTML 7Page - Renesas Technology Corp ISL6721 Datasheet HTML 8Page - Renesas Technology Corp ISL6721 Datasheet HTML 9Page - Renesas Technology Corp ISL6721 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL6721
FN9110 Rev 9.00
Page 6 of 23
May 20, 2016
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC, VC . . . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) to +20.0V
GATE . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to Gate Output Limit Voltage
PGND to LGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3V
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to 5.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to VREF
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A
Operating Conditions
Temperature Range
ISL6721Ax. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical, Note 5) . . . . . . . . . . . . . . . . 9VDC to 18VDC
Thermal Resistance (Typical, Note 4)
JA (°C/W)
16 Ld SOIC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
16 Ld TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
105
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. All voltages are with respect to GND.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 3
and “Typical Boost Converter Application Schematic” on page 5. 9V < VCC = VC < 20V, RT = 11kΩ, Ct = 330 pF, TA = -40°C to +105°C (Note 6), Typical
values are at TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDERVOLTAGE LOCKOUT
START Threshold
7.95
8.25
8.55
V
STOP Threshold
7.40
7.70
8.20
V
Hysteresis
0.50
0.55
1.00
V
Start-Up Current, ICC
VCC < START Threshold
-
100
175
µA
OC/OV Fault Operating Current, ICC
-
200
300
µA
Operating Current, ICC
-
4.5
10.0
mA
Operating Supply Current, IC
Includes 1nF GATE loading
-
8.0
12.0
mA
REFERENCE VOLTAGE
Overall Accuracy
Line, load, 0°C to +105°C
4.95
5.00
5.05
V
Line, load, -40°C to +105°C
4.90
5.00
5.05
V
Long Term Stability
TA = +125°C, 1000 hours (Note 8)-
5
-
mV
Fault Voltage
4.50
4.65
4.75
V
VREF Good Voltage
4.65
4.80
4.95
V
Hysteresis
75
165
250
mV
Operational Current
-10
-
-
mA
Current Limit
-20
-
-
mA
CURRENT SENSE
Input Impedance
-5
-
kΩ
Offset Voltage
0.08
0.10
0.11
V
Input Voltage Range
0-
1.5
V
Blanking Time
(Note 8)30
60
100
ns
Gain, ACS
VSLOPE = 0V, VFB = 2.3V,
VISET = 0.35V, 1.5V
ACS = ISET/ISENSE
0.77
0.79
0.81
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com