Electronic Components Datasheet Search
  English  ▼

X  

ISL6721 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6721
Description  Flexible Single-Ended Current Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6721 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6721 Datasheet HTML 10Page - Renesas Technology Corp ISL6721 Datasheet HTML 11Page - Renesas Technology Corp ISL6721 Datasheet HTML 12Page - Renesas Technology Corp ISL6721 Datasheet HTML 13Page - Renesas Technology Corp ISL6721 Datasheet HTML 14Page - Renesas Technology Corp ISL6721 Datasheet HTML 15Page - Renesas Technology Corp ISL6721 Datasheet HTML 16Page - Renesas Technology Corp ISL6721 Datasheet HTML 17Page - Renesas Technology Corp ISL6721 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ISL6721
FN9110 Rev 9.00
Page 14 of 23
May 20, 2016
gap occurs. This has the effect of increasing the airgap volume.
Some fringing is usually acceptable, but excessive fringing can
cause increased losses in the windings around the gap resulting
in excessive heating. Once a suitable core and gap combination
are found, the iterative design cycle begins. A design is
developed and checked for ease of assembly and thermal
performance. If the core does not allow adequate space for the
windings, then a core with a larger window area is required. If
the transformer runs hot, it may be necessary to lower the flux
density (more primary turns, lower operating frequency), select
a less lossy core material, change the geometry of the windings
(winding order), use heavier gauge wire or multi-filar windings,
and/or change the type of wire used (Litz wire, for example).
For simplicity, only the final design is further described.
An EPCOS EFD 20/10/7 core using N87 material gapped to an
AL value of 25nH/N2 was chosen. It has more than the
required air gap volume to store the energy required, but was
needed for the window area it provides.
Aeff = 31
 10-6 m2
lg = 1.56
10-3 m
The flux density
B is only 0.069T or 690 gauss, a relatively
low value.
Since:
The number of primary turns, Np, may be calculated. The result
is Np = 40 turns. The secondary turns may be calculated as
follows:
Where tr is the time required to reset the core. Since
discontinuous MMF mode operation is desired, the core must
completely reset during the off time. To maintain
discontinuous mode operation, the maximum time allowed to
reset the core is tsw - tON(MAX) where tsw = 1/fsw. The
minimum time is application dependent and at the designers
discretion knowing that the secondary winding RMS current
and ripple current stress in the output capacitors increases
with decreasing reset time. The calculation for maximum Ns
for the 3.3 V output using t = tsw - tON (MAX) = 2.75µs is 5.52
turns.
The determination of the number of secondary turns is also
dependent on the number of outputs and the required turns
ratios required to generate them. If Schottky output rectifiers
are used and we assume a forward voltage drop of 0.45V, the
required turns ratio for the two output voltages, 3.3V and 1.8V,
is 5:3.
With a turns ratio of 5:3 for the secondary windings, we will
use Ns1 = 5 turns and Ns2 = 3 turns. Checking the reset time
using these values for the number of secondary turns yields a
duration of Tr = 2.33µs or about 47% of the switching period,
an acceptable result.
The bias winding turns may be calculated similarly, only a
diode forward drop of 0.7V is used. The rounded off result is 17
turns for a 12V bias.
The next step is to determine the wire gauge. The RMS current
in the primary winding may be calculated using Equation 15:
The peak and RMS current values in the remaining windings
may be calculated using Equations 16 and 17:
The RMS current for the primary winding is 0.72A, for the 3.3V
output, 4.23A, for the 1.8V output, 1.69A, and for the bias
winding, 85mA.
To minimize the transformer leakage inductance, the primary
was split into two sections connected in parallel and
positioned such that the other windings were sandwiched
between them. The output windings were configured so that
the 1.8V winding is a tap off of the 3.3V winding. Tapping the
1.8V output requires that the shared portion of the secondary
conduct the combined current of both outputs. The secondary
wire gauge must be selected accordingly.
The determination of current carrying capacity of wire is a
compromise between performance, size, and cost. It is
affected by many design constraints such as operating
frequency (harmonic content of the waveform) and the winding
proximity/geometry. It generally ranges between 250 and
1000 circular mils per ampere. A circular mil is defined as the
area of a circle 0.001” (1 mil) in diameter. As the frequency of
operation increases, the AC resistance of the wire increases
due to skin and proximity effects. Using heavier gauge wire
may not alleviate the problem. Instead multiple strands of wire
in parallel must be used. In some cases, Litz wire is required.
The winding configuration selected is:
Primary #1: 40T, 2 #30 bifilar
Secondary: 5T, 0.003” (3 mil) copper foil tapped at 3T
Bias: 17T #32
Primary #2: 40T, 2 #30 bifilar
The internal spacing and insulation system was designed for
1500VDC dielectric withstand rating between the primary and
secondary windings.
Power MOSFET Selection
Selection of the main switching MOSFET requires
consideration of the voltage and current stresses that will be
encountered in the application, the power dissipated by the
device, its size, and its cost.
The input voltage range of the converter is 36VDC to
75VDC. This suggests a MOSFET with a voltage rating of 150V
Lp
o Np
2 Aeff
lg
----------------------------------------
=
H
(EQ. 13)
Ns
Ig
Vout Vd
+
 tr
Np Ippk o Aeff
--------------------------------------------------------
(EQ. 14)
IPRMS

IPPK
tON MAX

3tsw
---------------------------
=
A
(EQ. 15)
ISPK
2IOUT tsw
Tr
-------------------------------------
=
A
(EQ. 16)
IRMS
2IOUT
tsw
3Tr
---------------
=
A
(EQ. 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com