Electronic Components Datasheet Search
  English  ▼

X  

ISL6558IBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6558IBZ
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6558IBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6558IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL6558
FN9027 Rev 13.00
Page 13 of 17
August 28, 2015
Component Selection Guidelines
OUTPUT CAPACITOR SELECTION
Output capacitors are required to filter the output inductor
current ripple and supply the load transient current. The
filtering requirements are a function of the channel switching
frequency and the output ripple current. The load transient
requirements are a function of the slew rate (di/dt) and the
magnitude of the transient load current. These requirements
are generally met with a mix of capacitors and careful layout.
Some modern microprocessors can produce transient load
rates above 200A/
s. High frequency capacitors are used to
supply the initial transient current and slow the rate-of-change
seen by the bulk capacitors. Bulk filter capacitor values are
generally determined by the ESR and voltage rating
requirements rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load
device for any specific decoupling requirements.
Specialized low-ESR capacitors intended for switching
regulator applications are recommended for the bulk
capacitors. The bulk capacitor’s ESR determines the output
ripple voltage and the initial voltage drop following a high
slew-rate transient edge. Aluminum electrolytic capacitor ESR
values are related to case size with lower ESR available in
larger case sizes. However, the ESL of these capacitors
increases with case size and can reduce the usefulness of the
capacitor to high slew-rate transient loading. Unfortunately,
ESL is not a specified parameter. Work with your capacitor
supplier and measure the capacitor’s impedance with
frequency to select a suitable component. In most cases,
multiple electrolytic capacitors of small case size perform
better than a single large case capacitor.
OUTPUT INDUCTOR SELECTION
The output inductor is selected to meet the voltage ripple
requirements and minimize the converter response time to a
load transient. In a multi-phase converter topology, the ripple
current of one active channel partially cancels with the other
active channels to reduce the overall ripple current. The
reduction in total output ripple current results in a lower
overall output voltage ripple.
The inductor selected for the power channels determines the
channel ripple current. Increasing the value of inductance
reduces the total output ripple current and total output
voltage ripple. However, increasing the inductance value will
slow the converter response time to a load transient.
One of the parameters limiting the converter’s response time
to a load transient is the time required to slew the inductor
current from its initial current level to the transient current
level. During this interval, the difference between the two
levels must be supplied by the output capacitance.
Minimizing the response time can minimize the output
capacitance required.
The channel ripple current is approximated by the following
equation:
VOUT
+12V
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LO1
COUT
CIN
+5VIN
PHASE
VCC
USE INDIVIDUAL METAL RUNS
COMP
ISL6558
PWM
RT
RFB
RC
CBP
FB
VSEN
ISEN
RISEN
HIP6601B
CBOOT
CBP
CC
VCC
FS/EN
PVCC
ISOLATE OUTPUT STAGES
FOR EACH CHANNEL TO HELP
PWM
BOOT
ROS
FIGURE 9. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
ICH
D
VIN VOUT
–
FSWxL
----------------------------------x
VOUT
VIN
-----------------
=
(EQ. 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com