Electronic Components Datasheet Search
  English  ▼

X  

ISL6558IBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6558IBZ
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6558IBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6558IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6558IBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ISL6558
FN9027 Rev 13.00
Page 14 of 17
August 28, 2015
The total output ripple current can be determined from the
curves in Figure 10. They provide the total ripple current as a
function of duty cycle and number of active channels,
normalized to the parameter KNORM at zero duty cycle.
where L is the channel inductor value.
Find the intersection of the active channel curve and duty cycle
for your particular application. The resulting ripple current
multiplier from the y-axis is then multiplied by the normalization
factor, KNORM, to determine the total output ripple current for
the given application.
INPUT CAPACITOR SELECTION
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitors for
the high frequency decoupling and bulk capacitors to supply
the RMS current. Small ceramic capacitors can be placed very
close to the upper MOSFET to suppress the voltage induced in
the parasitic circuit impedances.
Two important parameters to consider when selecting the bulk
input capacitor are the voltage rating and the RMS current
rating. For reliable operation, select a bulk capacitor with voltage
and current ratings above the maximum input voltage and
largest RMS current required by the circuit. The capacitor
voltage rating should be at least 1.25 times greater than the
maximum input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current requirement for a
converter design can be approximated with the aid of Figure 11.
Follow the curve for the number of active channels in the
converter design. Next determine the duty cycle for the
converter and find the intersection of this value and the active
channel curve. Find the corresponding y-axis value, which is the
current multiplier. Multiply the total full load output current, not
the channel value, by the current multiplier value found and the
result is the RMS input current which must be supported by the
input capacitors.
MOSFET SELECTION AND CONSIDERATIONS
The ISL6558 requires two N-Channel power MOSFETs per
active channel or more if parallel MOSFETs are employed.
These MOSFETs should be selected based upon rDS(ON),
total gate charge, and thermal management requirements.
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the dominant
design factors. The power dissipation includes two loss
components; conduction loss and switching loss. These losses
are distributed between the upper and lower MOSFETs
according to duty cycle of the converter (see the equations
below). The conduction losses are the main component of
power dissipation for the lower MOSFETs, Q2 and Q4 of
Figure 1. Only the upper MOSFETs, Q1 and Q3 have
significant switching losses, since the lower device turn on and
off into near zero voltage.
The following equations assume linear voltage-current
transitions and do not model power loss due to the reverse-
recovery of the lower MOSFETs body diode. The gate-charge
losses are dissipated in the HIP660x drivers and don’t heat the
MOSFETs. However, large gate-charge increases the
switching time, tSW which increases the upper MOSFET
switching losses. Ensure that both MOSFETs are within their
maximum junction temperature at high ambient temperature by
calculating the temperature rise according to package thermal-
resistance specifications. A separate heatsink may be
necessary depending upon MOSFET power, package type,
ambient temperature and air flow.
KNORM
VOUT
LxFSW
---------------------
=
(EQ. 11)
1.0
0.8
0.6
0.4
0.2
0
0
0.1
0.2
0.3
0.4
0.5
DUTY CYCLE (VO/VIN)
SINGLE
CHANNEL
2 CHANNEL
3 CHANNEL
4 CHANNEL
FIGURE 10. RIPPLE CURRENT vs DUTY CYCLE
ITOTAL
DKNORMxKCM
=
(EQ. 12)
0.5
0.4
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
DUTY CYCLE (VO/VIN)
SINGLE
CHANNEL
3 CHANNEL
4 CHANNEL
2 CHANNEL
FIGURE 11. CURRENT MULTIPLIER vs DUTY CYCLE
PUPPER
IO
2
rDS ON

VOUT
VIN
------------------------------------------------------------
IO VIN
tSW
FSW
2
----------------------------------------------------------
+
=
(EQ. 13)
PLOWER
IO
2
r
DS ON

VIN VOUT
–

VIN
---------------------------------------------------------------------------------
=
(EQ. 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com