Electronic Components Datasheet Search
  English  ▼

X  

ISL8502IRZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL8502IRZ
Description  2A Synchronous Buck Regulator with Integrated MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8502IRZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL8502IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL8502IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL8502IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL8502IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL8502IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL8502IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL8502IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL8502IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL8502IRZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ISL8502
FN6389 Rev 2.00
Page 14 of 19
June 29, 2010
restart in a hiccup mode with the delay between restarts being
4 soft-start periods. At the end of the fourth soft-start wait
period, the fault counters are reset, the EN pin is released, and
soft-start is attempted again. If the overcurrent condition goes
away prior to the OC Fault Counter reaching a count of four,
the Overcurrent Condition Flag will set back to LOW.
If the Overcurrent Condition Flag is HIGH and the Overcurrent
Fault Counter is less than four and an undervoltage event is
detected, the regulator will be shut down immediately.
UNDERVOLTAGE PROTECTION
If the voltage detected on the FB pin falls 18% below the internal
reference voltage and the overcurrent condition flag is LOW, then
the regulator will be shutdown immediately under an
Undervoltage Fault Condition and the EN pin will be pulled LOW.
An Undervoltage Fault Condition will result with the regulator
attempting to restart in a hiccup mode with the delay between
restarts being 4 soft-start periods. At the end of the fourth soft-
start wait period, the fault counters are reset, the EN pin is
released, and soft-start is attempted again.
THERMAL PROTECTION
If the ISL8502 IC junction temperature reaches a nominal
temperature of +150°C, the regulator will be disabled. The
ISL8502 will not re-enable the regulator until the junction
temperature drops below +130°C.
SHOOT-THROUGH PROTECTION
A shoot-through condition occurs when both the upper and lower
MOSFETs are turned on simultaneously, effectively shorting the
input voltage to ground. To protect from a
shoot-through condition, the ISL8502 incorporates specialized
circuitry, which insures that the complementary MOSFETs are not
ON simultaneously.
Application Guidelines
Operating Frequency
The ISL8502 can operate at switching frequencies from
500kHz to 1.2MHz. A resistor tied from the FS pin to ground is
used to program the switching frequency Equation 3.
Output Voltage Selection
The output voltage of the regulator can be programmed via an
external resistor divider that is used to scale the output voltage
relative to the internal reference voltage and feed it back to the
inverting input of the error amplifier. Refer to Figure 34.
The output voltage programming resistor, R4, will depend on
the value chosen for the feedback resistor and the desired
output voltage of the regulator. The value for the feedback
resistor is typically between 1k
 and 10k.
If the output voltage desired is 0.6V, then R4 is left unpopulated.
Output Capacitor Selection
An output capacitor is required to filter the inductor current and
supply the load transient current. The filtering requirements are a
function of the switching frequency and the ripple current. The
load transient requirements are a function of the slew rate (di/dt)
and the magnitude of the transient load current. These
requirements are generally met with a mix of capacitors and
careful layout.
High frequency capacitors initially supply the transient and slow
the current load rate seen by the bulk capacitors. The bulk filter
capacitor values are generally determined by the ESR (Effective
Series Resistance) and voltage rating requirements rather than
actual capacitance requirements.
High frequency decoupling capacitors should be placed as close
to the power pins of the load as physically possible. Be careful not
to add inductance in the circuit board wiring that could cancel the
usefulness of these low inductance components. Consult with the
manufacturer of the load on specific decoupling requirements.
The shape of the output voltage waveform during a load transient
that represents the worst case loading conditions will ultimately
determine the number of output capacitors and their type. When
this load transient is applied to the converter, most of the energy
required by the load is initially delivered from the output
capacitors. This is due to the finite amount of time required for the
inductor current to slew up to the level of the output current
required by the load. This phenomenon results in a temporary dip
in the output voltage. At the very edge of the transient, the
Equivalent Series Inductance (ESL) of each capacitor induces a
spike that adds on top of the existing voltage drop due to the
Equivalent Series Resistance (ESR).
After the initial spike, attributable to the ESR and ESL of the
capacitors, the output voltage experiences sag. This sag is a
direct consequence of the amount of capacitance on the output.
During the removal of the same output load, the energy stored in
the inductor is dumped into the output capacitors. This energy
dumping creates a temporary hump in the output voltage. This
RT k

48000
fOSC kHz

------------------------------
=
(EQ. 3)
R4
R1 0.6V
VOUT 0.6V
–
----------------------------------
=
(EQ. 4)
FIGURE 33. TYPICAL TRANSIENT RESPONSE
VOUT
IOUT
DVESL
DVESR
DVSAG
DVHUMP
ITRAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com