Electronic Components Datasheet Search
  English  ▼

X  

MPQ28261DL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ28261DL
Description  21V, 3A 500kHz Synchronous Step-down Converter EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261DL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ28261DL Datasheet HTML 1Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 2Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 3Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 4Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 5Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVQ28261-L-00A – 3A, 21V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
EVQ28261-L-00A Rev.1.0
www.MonolithicPower.com
2
11/15/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
SS
PG
EN
GND
VIN
NS
C5
20k
R3
10k
R1
C3
1.2V/3A
GND
VCC
100k
R9
100k
R4
10k
R2
0
R6
C2A
C2C
VOUT
C1A
C4
30k
R8
C1B
20
R5
L1
10
R7
47nF
C7
15pF
C6
C2B
VCC
11
EN
7
IN
1
SW
PG
9
SS
10
FB
8
BST
6
2,3,4,5
U1
SW
FB
EN
VCC
VIN
PG
SS
T
U
O
V
W
S
FB
EVQ28261-L-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
1
C1A
22μF
Ceramic Cap., 25V, X5R
1210
Murata
GRM32ER61E226KE15L
1
C1B
0.1μF
Ceramic Cap., 25V, X7R
0805
HHEC
C0805X104K025T
2
C2A,C2B
22μF
Ceramic Cap., 6.3V, X5R
1210
Murata
GRM32DR60J226KA01L
1
C2C
0.1μF
Ceramic Cap., 16V, X7R
0805
Murata
GRM219R71C104KA01D
2
C3,C4
0.1μF
Ceramic Cap., 25V, X7R
0603
Yageo
CC0603KRX7R8BB104
0
C5
NS
0603
1
C6
15pF
Ceramic Cap., 50V,C0G
0603
TDK
C1608C0G1H150J
1
C7
47nF
Ceramic Cap., 50V,X7R
0603
Murata
GRM188R71H473KA61D
1
R1
10k
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
1
R2
10k
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
1
R3
20 kΩ
Film Res., 5%
0603
Any
2
R4,R9
100 kΩ
Film Res., 5%
0603
Any
1
R8
30 kΩ
Film Res., 5%
0603
Any
1
R5
20Ω
Film Res., 5%
0603
Any
1
R6
0Ω
Film Res., 5%
0603
Any
1
R7
10Ω
Film Res., 5%
0603
Any
1
L1
1.8μH
7.6mΩ, 10.4A
SMD
TOKO
D104C-919AS-1R8N
2.2μH
14mΩ, 13A
SMD
Wurth
744311220
1
U1
Step-Down Converter
QFN14
MPS
MPQ28261DL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com