Electronic Components Datasheet Search
  English  ▼

X  

MPQ28261DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ28261DL
Description  21V, 3A 500kHz Synchronous Step-down Converter EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28261DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ28261DL Datasheet HTML 1Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 2Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 3Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 4Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 5Page - Monolithic Power Systems MPQ28261DL Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EVQ28261-L-00A – 3A, 21V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
EVQ28261-L-00A Rev.1.0
www.MonolithicPower.com
4
11/15/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT = 1.2V, L = 2.2µH, TA = 25ºC, unless otherwise noted.
IINDUCTOR
5A/div
Output Ripple Voltage
IOUT=3A
VSW
5V/div
VOUT/AC
10mV/div
Load Transient Response
IOUT=1.5A-3A
VOUT/AC
100mV/div
IOUT
1A/div



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com