Electronic Components Datasheet Search
  English  ▼

X  

LR-T66F Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LR-T66F
Description  black PLCC-2 package, colorless resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-T66F Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LR-T66F Datasheet HTML 6Page - OSRAM GmbH LR-T66F Datasheet HTML 7Page - OSRAM GmbH LR-T66F Datasheet HTML 8Page - OSRAM GmbH LR-T66F Datasheet HTML 9Page - OSRAM GmbH LR-T66F Datasheet HTML 10Page - OSRAM GmbH LR-T66F Datasheet HTML 11Page - OSRAM GmbH LR-T66F Datasheet HTML 12Page - OSRAM GmbH LR-T66F Datasheet HTML 13Page - OSRAM GmbH LR-T66F Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2017-05-11
10
Version 1.5
LR T66F
Relative Forward Voltage 6) page 22
Relative Vorwärtsspannung 6) Seite 22
ΔVF = VF - VF(25 °C) = f(Tj); IF = 20 mA
Relative Luminous Intensity 6) page 22
Relative Lichtstärke 6) Seite 22
IV/IV(25)°C = f(Tj); IF = 20 mA
OHL02667
T
F
V
j
-40
-0.2
-20
0
20 40
0.25
˚C
60
100
-60
V
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
LR T66F
-40
-20
0
20
40
60
80
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Iv
Iv(25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com