Electronic Components Datasheet Search
  English  ▼

X  

LR-T66F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LR-T66F
Description  black PLCC-2 package, colorless resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-T66F Datasheet(HTML) 5 Page - OSRAM GmbH

  LR-T66F Datasheet HTML 1Page - OSRAM GmbH LR-T66F Datasheet HTML 2Page - OSRAM GmbH LR-T66F Datasheet HTML 3Page - OSRAM GmbH LR-T66F Datasheet HTML 4Page - OSRAM GmbH LR-T66F Datasheet HTML 5Page - OSRAM GmbH LR-T66F Datasheet HTML 6Page - OSRAM GmbH LR-T66F Datasheet HTML 7Page - OSRAM GmbH LR-T66F Datasheet HTML 8Page - OSRAM GmbH LR-T66F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.5
LR T66F
2017-05-11
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
4) page 22
Durchlassspannungsgruppen 4) Seite 22
Dominant Wavelength Groups 3) page 22
Dominant Wellenlängengruppen
3) Seite 22
Group
Luminous Intensity 1) page 22
Luminous Intensity 1) page 22
Luminous Flux 6) page 22
Gruppe
Lichtstärke 1) Seite 22
Lichtstärke 1) Seite 22
Lichtstrom 6) Seite 22
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
AA
1120
1400
1260
AB
1400
1800
1600
BA
1800
2240
2020
BB
2240
2800
2520
CA
2800
3550
3180
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3A
1.80
1.95
3B
1.95
2.10
4A
2.10
2.25
4B
2.25
2.40
Group
red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
619
631
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com