Electronic Components Datasheet Search
  English  ▼

X  

ST1L04PT Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1L04PT
Description  LOW QUIESCENT CURRENT VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L04PT Datasheet(HTML) 2 Page - STMicroelectronics

  ST1L04PT Datasheet HTML 1Page - STMicroelectronics ST1L04PT Datasheet HTML 2Page - STMicroelectronics ST1L04PT Datasheet HTML 3Page - STMicroelectronics ST1L04PT Datasheet HTML 4Page - STMicroelectronics ST1L04PT Datasheet HTML 5Page - STMicroelectronics ST1L04PT Datasheet HTML 6Page - STMicroelectronics ST1L04PT Datasheet HTML 7Page - STMicroelectronics ST1L04PT Datasheet HTML 8Page - STMicroelectronics ST1L04PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ST1L04
2/11
Table 1: Order Codes
Figure 2: Pin Connection (top view)
Table 2: Pin Description
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Table 4: Thermal Data
TYPE
PPAK
ST1L04
ST1L04PT
PIN N°
NAME
FUNCTION
1VI
Supply voltage input pin. Bypass with a ceramic capacitor to GND
2
N.C.
Not connected.
3
GND
Ground. The exposed metallic pad of the package is connected to GND.
4
ADJ
Adjust voltage pin. External resistor divider connection.
5VO
Output voltage pin. Bypass with a ceramic capacitor to GND
Symbol
Parameter
Value
Unit
VI
DC Supply Voltage
from GND-0.3 to 10
V
Ptot
Power Dissipation
internally limited
W
IO
Output Current
internally limited
A
Top
Operating Junction Temperature Range
0 to +125
°C
Tstg
Storage Temperature Range
-40 to +150
°C
Symbol
Parameter
PPAK
Unit
Rthj-case
Thermal Resistance Junction-case
8°C/W
Rthj-amb
Thermal Resistance Junction-ambient
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com