Electronic Components Datasheet Search
  English  ▼

X  

ST1L04PT Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1L04PT
Description  LOW QUIESCENT CURRENT VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L04PT Datasheet(HTML) 3 Page - STMicroelectronics

  ST1L04PT Datasheet HTML 1Page - STMicroelectronics ST1L04PT Datasheet HTML 2Page - STMicroelectronics ST1L04PT Datasheet HTML 3Page - STMicroelectronics ST1L04PT Datasheet HTML 4Page - STMicroelectronics ST1L04PT Datasheet HTML 5Page - STMicroelectronics ST1L04PT Datasheet HTML 6Page - STMicroelectronics ST1L04PT Datasheet HTML 7Page - STMicroelectronics ST1L04PT Datasheet HTML 8Page - STMicroelectronics ST1L04PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ST1L04
3/11
Figure 3: Typical Application Schematic
NOTE: The adjustable output voltage is set by a resistor divider connected between VO and GND with its centre tap connected to ADJ. The
voltage divider resistor are: R1 connected between VO and ADJ and R2 connected between ADJ and GND. VO is determined by VREF, R1,
R2, IADJ, as follows:
VO=VREF(1+R1/R2)+IADJR1
Since IADJ is very small and stable it can be ignored and the output voltage can be simply calculated as follows:
VO=VREF(1+R1/R2)
Table 5: Electrical Characteristics (refer to the typical application schematic, VIN=from 2.9 to 5.5V, IO=
from 10mA to 1A, CIN=4.7µF, COUT=4.7µF, Tj =0 to 125°C, unless otherwise specified). Typical values
are intended at Tj=25°C unless otherwise specified
NOTE 1: This parameter is the minimum input to output differential voltage required to maintain 1% regulation with respect to the VO nominal
value. For VO between 0.8V and 1.8V included, the Vd value is overridden by the minimum operating input voltage.
NOTE 2: Guaranteed by design. Not tested in production.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Operating Input Voltage
2.8
V
Id
Quiescent Current
3mA
VREF
Reference Voltage
TJ = 25°C
0.784
0.8
0.816
V
0.776
0.8
0.824
∆VO
Line Regulation
IO = 10mA
0.8
%
∆VO
Load Regulation
VI = 3.3V
0.8
%
IADJ
Adjustment Current
IO = 10mA
1
µA
I∆ADJ
Adjustment Current change
200
nA
IOmin
Minimum Output Current for
regulation
100
µA
IO
Output Current Limit
1
1.4
A
Vd
Dropout Voltage
(see note 1 and note 2)
IO = 1A, VO = from 1.8 to 3.3V
1
V
SVR
Supply Voltage Rejection
(see note 2)
VI = 3.3±0.5V,
IO=10mA,
TJ = 25°C
f=120Hz
50
dB
f=100kHz
20
CO
Ceramic Output capacitor value
2.2
µF
CESR
Output Capacitor ESR value
200
m
Ω
eN
Output Noise Voltage (see note 2)
B = from 10Hz to 10kHz,
VI = 3.3V, IO=10mA, Tj=25°C
0.003
%VO
TSH
Thermal shutdown trip point
(see note 2)
VI=3.3V
165
°C
THY
Thermal Shutdown hysteresis
(see note 2)
VI=3.3V
5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com