Electronic Components Datasheet Search
  English  ▼

X  

ON2152 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ON2152
Description  Reflective photosensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON2152 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ON2152 Datasheet HTML 1Page - Panasonic Semiconductor ON2152 Datasheet HTML 2Page - Panasonic Semiconductor ON2152 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
CNZ2152
SHG00052BED
IF , IC  Ta
IF  VF
IC  IF
VF  Ta
IC  VCE
∆I
C  Ta
ICEO  Ta
tr  IC
IC  d
Ambient temperature T
a (°C)
120
100
80
60
40
20
0
120
100
80
60
40
20
0
0
20406080
100
−25
110
102
10 −1
102
10
1
10 −1
Forward current I
F (mA)
10 −2
103
102
10
1
10 −1
10 −2
16
12
8
4
0
Collector-emitter voltage V
CE (V)
08
416
12
24
20
Distance d (mm)
16
12
8
4
0
2468
12
10
0
Ta
= 25°C
Ta
= 25°C
VCC
= 10 V
Ta
= 25°C
VCC
= 5 V R
L
= 100 Ω
Ta
= 25°C
(1) White paper
(Reflective ratio 90%)
(2) Tracing paper
(Paper SM-1 for 2nd
original paper)
VCC
= 5 V
IF
= 20 mA
RL
= 100 Ω
VCC
= 5 V
Ta = 25
°C
IF
= 20 mA
RL
= 100 Ω
Forward voltage V
F (V)
0.4
1.2
1.6
2.0
2.4
0.8
0
1.6
1.2
0.8
0.4
Ambient temperature T
a (°C)
0
160
120
80
40
Ambient temperature T
a (°C)
−40
040
80
−40
040
80
0
Ambient temperature T
a (°C)
−40
040
80
103
102
10
1
Collector current I
C (mA)
10
10 −1
10 −2
10 −1
1
IF
IC
IF
= 100 mA
50 mA
(1)
(2)
IF
= 100 mA
80 mA
60 mA
50 mA
40 mA
30 mA
20 mA
10 mA
VCE
= 25 V
10 V
RL
= 1 kΩ
100
Ω
10%
90%
td
tr
tf
RL
VCC
V1
V2
V1
V2
Sig.
out
50
Ω
Sig. in
White paper
(Reflective ratio 90%)
Mirror
d



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com